Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP7182ACPZ-R7

  • AI
    ## Technical Overview of the ADP7182ACPZ-R7 The **ADP7182ACPZ-R7** is a high-performance, low dropout (LDO) linear regulator produced by Analog Devices. It is specifically designed to provide a stable negative voltage output with exceptionally low noise, making it ideal for high-precision analog and RF applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | -2.7 V to -28 V | | **Output Voltage Range** | Fixed or Adjustable (-1.22 V to -V_IN + V_DO) | | **Maximum Output Current** | 200 mA | | **Dropout Voltage** | -185 mV (typical at 200 mA load) | | **PSRR (Power Supply Rejection Ratio)** | 66 dB at 10 kHz; 45 dB at 1 MHz | | **Output Noise** | 18 μV rms (10 Hz to 100 kHz) | | **Package Type** | LFCSP (6-Lead, 2mm x 2mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Features * **Low Noise Performance:** The regulator is engineered to minimize 1/f noise and wideband noise. This is critical for powering sensitive components like ADCs, DACs, and operational amplifiers. * **High PSRR:** It effectively filters out ripples from switching power supplies, ensuring a clean DC output. * **Precision Accuracy:** It maintains ±1% initial accuracy and ±2% accuracy over line, load, and temperature variations. * **Stability:** It is stable with small, low-ESR ceramic capacitors (2.2 μF minimum), which helps save PCB space. * **Protection Circuitry:** Includes internal thermal overload protection and current-limit protection to prevent damage during fault conditions. --- ### 3. Pin Configuration (LFCSP Package) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **VOUT** | Regulated Negative Output Voltage. | | 2 | **ADJ/NC** | Adjust Pin (for adjustable version) or No Connect (for fixed version). | | 3 | **GND** | Ground Reference. | | 4 | **EN** | Enable Input. Drive high (toward GND) to enable; drive low (toward VIN) to shut down. | | 5 | **VIN** | Negative Supply Input Voltages. | | 6 | **VOUT** | Regulated Negative Output Voltage (connected to Pin 1). | | **EP** | **Exposed Pad** | Should be connected to GND for thermal dissipation. | --- ### 4. Typical Application Areas The ADP7182 is commonly used in environments where negative voltage rails are required with minimal interference: * **Industrial Automation:** Precision instrumentation and data acquisition systems. * **Communications:** Powering RF amplifiers and base station components. * **Medical Imaging:** Low-noise power for ultrasound and MRI signal processing. * **Negative Bias Supplies:** Providing bias voltages for GaAs FETs and optical modules. --- ### 5. Implementation Code Snippet (Calculation) When using the **Adjustable Version**, the output voltage is determined by an external resistor divider ($R_1$ and $R_2$): ```python # Simple Python calculation for ADP7182 Adjustable Output def calculate_v_out(r1, r2): v_ref = -1.22 # Internal reference voltage # Vout = Vref * (1 + R1/R2) v_out = v_ref * (1 + (r1 / r2)) return round(v_out, 2) # Example: R1 = 30.1k, R2 = 10k print(f"Calculated Negative Output: {calculate_v_out(30100, 10000)}V") ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the fixed and adjustable versions of the ADP7182?
    • ⤷ How does the Enable (EN) pin logic work for a negative regulator?
    • ⤷ What are the recommended thermal considerations for the LFCSP package?