Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP8860ACBZ-R7

  • AI
    ## Overview of the ADP8860ACBZ-R7 The **ADP8860ACBZ-R7** is a sophisticated **Charge Pump LED Driver** manufactured by Analog Devices. It is specifically designed to manage power for multiple LEDs (up to 7) while offering advanced programmable features via an $I^2C$ interface. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Package Type** | WLCSP-20 (Wafer Level Chip Scale Package) | | **Output Current** | Up to 30mA per LED channel | | **Input Voltage Range** | 2.5V to 5.5V | | **Number of Channels** | 7 Independent Channels | | **Interface** | $I^2C$ Compatible | | **Switching Frequency** | 1.0 MHz | --- ### Key Electronic Components & Internal Blocks The internal architecture of the ADP8860 consists of several critical stages: 1. **Charge Pump (DC-DC Converter):** The heart of the chip is a multi-mode charge pump (1x, 1.5x, 2x). It automatically switches gain based on the input voltage and the required LED forward voltage to maximize efficiency. 2. **Current Sinks:** The device contains 7 independent current sinks. These regulate the current flowing through each LED to ensure uniform brightness regardless of manufacturing variances in the LEDs. 3. **Digital Control Logic ($I^2C$):** This allows a microcontroller to program: * Individual LED brightness (Current levels). * Fade-in and Fade-out timers. * Grouping of LEDs (e.g., Backlight vs. Indicator). 4. **Protection Circuitry:** * **Overvoltage Protection (OVP):** Prevents damage if an LED fails open-circuit. * **Thermal Shutdown:** Protects the IC from overheating. * **Soft Start:** Limits inrush current during startup. --- ### Typical Application Circuit To function, the ADP8860 requires a few external passive components. Below is a representation of the typical setup: ```mermaid graph LR Vin[Power Supply 2.5-5.5V] --> ADP[ADP8860 IC] C1[Flying Cap 1] <--> ADP C2[Flying Cap 2] <--> ADP Cin[Input Cap] --- Vin Cout[Output Cap] --- ADP ADP --> LED1[LED 1] ADP --> LED2[LED 2] ADP --> LEDn[LED 7] MCU[Microcontroller] -- I2C --> ADP ``` --- ### Use Cases * **Mobile Handsets:** Driving display backlights and keypad LEDs. * **Portable Devices:** Smartwatches and fitness trackers. * **Indicators:** RGB status signaling where smooth transitions (fading) are required without heavy CPU overhead.
    ✨ Follow-up Questions
    • ⤷What are the specific register settings for programming the fade-in/fade-out feature?
    • ⤷ How does the ADP8860 compare to a standard inductor-based boost LED driver?
    • ⤷ What is the physical footprint size of the WLCSP-20 package?