Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADP8863ACPZ-R7

  • AI
    The **ADP8863ACPZ-R7** is a high-efficiency, programmable charge pump driver designed primarily to control multiple LEDs in mobile devices, displays, and handheld electronics. It is manufactured by Analog Devices. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Function** | Charge Pump LED Driver | | **Output Current** | Up to 30mA per channel (7 channels) | | **Input Voltage Range** | 2.5V to 5.5V | | **Interface** | I2C Compatible | | **Package** | 20-LFCSP (Lead Frame Chip Scale Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Features The ADP8863 acts as a bridge between the battery and the LEDs, ensuring constant brightness regardless of battery voltage fluctuations. * **7 Independent Channels:** It features seven current sinks. These are typically divided into two groups: * **Backlight LEDs:** High-power grouping for display illumination. * **Independent LEDs:** For notification lights or "fun" lighting effects. * **Automatic Gain Switching:** To maximize efficiency, the device automatically switches between 1×, 1.5×, and 2× charge pump modes based on the required forward voltage of the LEDs. * **Programmable Fading:** It includes built-in hardware for independent fade-in and fade-out times, reducing the processing load on the host microcontroller. * **Safety Protections:** * Soft start to prevent in-rush current. * Overvoltage protection (OVP). * Short-circuit and thermal shutdown protection. --- ### 3. Pin Configuration & Application The device is housed in a compact **LFCSP-20** package (4mm x 4mm), making it ideal for space-constrained PCB designs. #### Typical Circuit Requirement To operate the ADP8863, only a few external components are needed: 1. **Flying Capacitors:** Two small ceramic capacitors (usually 1µF) for the charge pump operation. 2. **Input/Output Capacitors:** To stabilize voltage and reduce noise. 3. **I2C Pull-up Resistors:** For communication with the CPU. #### Common Use Cases * Smartphone and Tablet backlighting. * Keypad illumination. * RGB status indicators. * Handheld medical or industrial instruments. --- ### 4. Programming Example (I2C Logic) Control is handled via I2C registers. Below is a conceptual example of the logic used to enable a channel: ```c // Pseudo-code for ADP8863 Initialization void init_adp8863() { write_reg(0x01, 0x01); // Enable the charge pump (MD_EN) write_reg(0x05, 0x7F); // Select all 7 LEDs for Main group write_reg(0x10, 0x1F); // Set current to max (approx 30mA) } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 1x
    • ⤷ 1.5x
    • ⤷ and 2x charge pump modes?
    • ⤷ Can the ADP8863 be used to drive RGB LEDs specifically?
    • ⤷ What are the specific power-saving sleep modes available for this IC?