Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADPA1106ACGZN-R7

  • AI
    ## Electronic Overview: ADPA1106ACGZN-R7 The **ADPA1106ACGZN-R7** is a high-performance, gallium nitride (GaN) power amplifier (PA) designed by Analog Devices. It is specifically engineered for high-frequency applications requiring high efficiency and broadband operation. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Technology** | Gallium Nitride (GaN) on Silicon Carbide (SiC) | | **Frequency Range** | 18 GHz to 22 GHz | | **Output Power (P1dB)** | ~46 dBm (40 Watts) | | **Saturated Output Power (Psat)** | ~47 dBm | | **Power Added Efficiency (PAE)** | ~34% | | **Small Signal Gain** | 22 dB | | **Operating Voltage** | 28 V (Typical) | | **Package Type** | 32-lead LGA_CAV | --- ### 2. Core Functional Features * **GaN Technology:** Unlike traditional LDMOS or GaAs components, the GaN-on-SiC process allows for much higher power density and better thermal conductivity, enabling a smaller footprint for high wattage output. * **Internal Matching:** The device is internally matched to 50 $\Omega$ at the RF input and output, which significantly simplifies the PCB design and reduces the need for external tuning components. * **Pulsed Operation:** It is optimized for pulsed applications (such as Radar), where it can handle high peak power while maintaining thermal stability. * **Temperature Monitoring:** Includes an on-chip power detector for monitoring output power levels and assisting in system-level gain control. --- ### 3. Application Areas 1. **Military and Aerospace:** Used in phased array radar systems and electronic warfare (EW) jamming equipment. 2. **Satellite Communications:** Ideal for Ka-band Earth stations and high-throughput satellite uplinks. 3. **Test & Measurement:** Integrated into microwave signal generators and laboratory power amplifiers. --- ### 4. Implementation Considerations When designing with the ADPA1106, the following "electronic parts" and layout strategies are critical: * **Biasing Sequence:** GaN HEMTs are depletion-mode devices. You must apply a negative gate voltage ($V_{GG}$) before the drain voltage ($V_{DD}$) to prevent device destruction. * **Thermal Management:** Because this part generates significant heat (~40W output), the bottom of the LGA package must be soldered to a massive copper heat sink or a PCB with high-density thermal vias. * **Decoupling Capacitors:** Requires high-quality, low-ESR capacitors on both the $V_{GG}$ and $V_{DD}$ lines to suppress oscillations and handle high current pulses. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific biasing requirements and power-up sequence for the ADPA1106?
    • ⤷ How does GaN-on-SiC technology compare to GaAs in terms of thermal performance for this chip?
    • ⤷ What are the recommended thermal relief strategies for the 32-lead LGA package?