Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADPA9002ACGZN-R7

  • AI
    ## ADPA9002ACGZN-R7: Technical Overview The **ADPA9002ACGZN-R7** is a high-performance, Gallium Arsenide (GaAs), pseudomorphic high electron mobility transistor (pHEMT), Monolithic Microwave Integrated Circuit (MMIC) power amplifier. It is manufactured by Analog Devices (ADI). ### 1. Key Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | DC to 10 GHz | | **Gain** | 15 dB | | **Output P1dB** | 31.5 dBm | | **Saturated Output Power (Psat)** | 33.5 dBm | | **Output IP3** | 43 dBm | | **Supply Voltage (Vdd)** | 12 V | | **Quiescent Current (Idq)** | 385 mA | | **Package** | 32-lead LFCSP | --- ### 2. Functional Description The ADPA9002 is designed for wideband applications requiring high linearity and high output power. * **Self-Biased Operation:** While the device can be externally biased, it features an internal resistor that allows it to operate from a single positive supply (with some performance trade-offs). * **Integrated Matching:** The inputs and outputs are internally matched to 50 $\Omega$, simplifying the integration process into RF signal chains. * **Technology:** Utilizing GaAs pHEMT technology ensures low noise figures and high efficiency at microwave frequencies compared to traditional silicon-based components. --- ### 3. Common Applications Due to its wide frequency range (DC to 10 GHz), this component is used in: 1. **Military & Space:** Radar systems and electronic warfare. 2. **Test & Measurement:** High-end laboratory equipment and signal generators. 3. **Telecommunications:** Point-to-point and point-to-multipoint radios. 4. **Fiber Optics:** Modulator drivers. --- ### 4. Application Circuit Block Diagram While the physical implementation requires decoupling capacitors, the logical flow is as follows: ```mermaid graph LR A[RF Input] --> B[DC Block] B --> C{ADPA9002} D[Vdd +12V] --> C E[Vgg Gate Control] -.-> C C --> F[DC Block] F --> G[RF Output] ``` --- ### 5. Thermal Management Since this is a power amplifier generating significant heat, the **32-lead LFCSP** package features an exposed paddle on the bottom. This paddle must be soldered to a thermal ground plane with multiple vias to ensure the device remains within its operating temperature limits.
    ✨ Follow-up Questions
    • What are the specific biasing requirements for the ADPA9002?
    • How does the gain flatness of this device behave across the 0-10 GHz range?
    • Are there recommended protection circuits for the Vgg gate supply?