Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADR06AKS-R2

  • AI
    ### Overview of the ADR06AKS-R2 The **ADR06AKS-R2** is a high-precision, low-drift, band gap voltage reference integrated circuit manufactured by **Analog Devices**. It is designed for applications where high accuracy and stability over temperature are critical. --- ### Technical Specifications The table below summarizes the primary electrical characteristics of the ADR06AKS-R2: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Output Voltage ($V_{out}$)** | 3.0 | Volts | | **Initial Accuracy** | ±3.0 (Grade B) / ±6.0 (Grade A) | mV | | **Temperature Coefficient** | 3 (Grade B) / 9 (Grade A) | ppm/°C | | **Input Voltage Range** | 3.3 to 18 | Volts | | **Output Current Capability** | 10 | mA | | **Operating Temperature** | -40 to +125 | °C | | **Package Type** | SC70-5 (KS) | - | --- ### Key Features * **Ultracompact Footprint:** The SC70-5 package is significantly smaller than standard SOT-23 packages, making it ideal for space-constrained PCB designs. * **Low Noise:** It provides a very clean reference signal, which is essential for high-resolution Analog-to-Digital Converters (ADCs). * **No External Capacitor Required:** The device is stable without needing large output capacitors, though they can be added to improve transient response. * **Wide Input Range:** It can operate with an input voltage as high as 18V, offering flexibility in power rail selection. --- ### Pin Configuration (SC70-5) 1. **TP (Pin 1):** Internal Test Point (Leave unconnected). 2. **GND (Pin 2):** Ground connection. 3. **TP (Pin 3):** Internal Test Point (Leave unconnected). 4. **$V_{in}$ (Pin 4):** Input Voltage Supply. 5. **$V_{out}$ (Pin 5):** Reference Output Voltage. --- ### Common Applications The ADR06 is typically used in precision electronic systems, including: * **Data Acquisition Systems:** Providing a stable reference for 14-bit or 16-bit ADCs. * **Industrial Process Control:** Used in PLC modules and sensor transmitters. * **Instrumentation:** Precision multimeters and medical monitoring equipment. * **Optical Networks:** Controlling laser diode drivers. --- ### Equivalent Parts & Series The ADR06 is part of a larger family of references with different output voltages: | Part Number | Output Voltage | | :--- | :--- | | **ADR01** | 10.0V | | **ADR02** | 5.0V | | **ADR03** | 2.5V | | **ADR06** | 3.0V |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Grade A and Grade B versions of the ADR06?
    • ⤷ Can the ADR06AKS-R2 be used as a current source?
    • ⤷ What are the recommended layout practices to maintain its 3 ppm/°C temperature coefficient?