Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADR366AUJZ-R2

  • AI
    ## Electronic Overview: ADR366AUJZ-R2 The **ADR366AUJZ-R2** is a high-precision, low-power, band gap voltage reference manufactured by **Analog Devices**. It is specifically designed for applications where space is limited and power efficiency is critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{OUT}$)** | 3.3 V | | **Input Voltage Range** | 3.6 V to 15 V | | **Initial Accuracy** | ±0.2% (Max) | | **Temperature Coefficient** | 9 ppm/°C (Max) | | **Quiescent Current** | 190 µA (Max) | | **Output Current Drive** | 5 mA (Source) / 2 mA (Sink) | | **Package Type** | TSOT-23-5 (UJ-5) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADR366AUJZ-R2 consists of several critical stages: 1. **Band Gap Reference Core:** The heart of the chip that generates a stable 3.3V potential by compensating for the temperature characteristics of silicon junctions. 2. **Error Amplifier:** Compares the feedback from the output to the internal reference to maintain tight regulation despite load or line changes. 3. **Low Dropout (LDO) Output Stage:** Allows the device to maintain a stable 3.3V output even when the input voltage is only slightly higher (300mV overhead). 4. **Shutdown Logic:** Pin 3 (SHDN) allows the device to enter a low-power mode, reducing current consumption to less than 1 µA. --- ### 3. Pin Configuration (TSOT-23-5) | Pin No. | Name | Function | | :--- | :--- | :--- | | **1** | **$V_{IN}$** | Input Voltage Supply (3.6V to 15V) | | **2** | **GND** | Ground Reference | | **3** | **$\overline{SHDN}$** | Shutdown (Active Low). Tie to $V_{IN}$ for normal operation. | | **4** | **NC** | No Connect (Leave floating) | | **5** | **$V_{OUT}$** | Stable 3.3V Output Reference | --- ### 4. Typical Application Circuit To ensure stability, a decoupling capacitor is required at the input and output. ```c // Recommended Component Values Input_Capacitor (Cin) = 0.1 uF (Ceramic) Output_Capacitor (Cout) = 0.1 uF to 10 uF (Low ESR) ``` ### 5. Common Use Cases * **Precision Data Converters:** Providing the reference voltage for 12-bit to 16-bit ADCs/DACs. * **Battery-Powered Equipment:** Due to the low quiescent current and shutdown feature. * **Industrial Process Control:** Reliable operation in harsh temperature environments. * **Portable Instrumentation:** Small TSOT-23 footprint saves PCB real estate.
    ✨ Follow-up Questions
    • ⤷ What is the maximum noise level (peak-to-peak) for the ADR366 series?
    • ⤷ How does the 'R2' suffix at the end of the part number affect the packaging or quantity?
    • ⤷ Can this device be used in a series or shunt configuration?