Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADR370BRT-R2

  • AI
    ### ADR370BRT-R2: Overview and Technical Specifications The **ADR370BRT-R2** is a high-precision, low-power voltage reference manufactured by **Analog Devices**. It is part of the ADR370 series, known for its small footprint and stability, making it ideal for battery-powered and space-constrained applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 2.048 V | | **Initial Accuracy** | ±1.0 mV (0.05%) | | **Temperature Coefficient** | 25 ppm/°C (Maximum) | | **Operating Supply Range** | 2.3 V to 18 V | | **Quiescent Current** | 72 µA (Maximum) | | **Package Type** | SOT-23-3 (RT-3) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description The ADR370 uses a patented **curvature correction** design technique to minimize the nonlinearities inherent in bandgap references. This ensures a very stable output voltage even when the ambient temperature fluctuates. #### Pin Configuration The device is typically housed in a 3-lead SOT-23 package: 1. **VIN**: Input Voltage Supply. 2. **VOUT**: Regulated Output Voltage. 3. **GND**: Ground reference. --- ### 3. Application Use Cases Due to its 2.048 V output, it is specifically designed for 12-bit systems where the Least Significant Bit (LSB) needs to be a clean integer value. * **Precision Data Acquisition**: Acts as a reference for ADCs (Analog-to-Digital Converters) and DACs (Digital-to-Analog Converters). * **Portable Instrumentation**: Low power consumption (72 µA) extends battery life in handheld devices. * **Industrial Process Control**: High input voltage tolerance (up to 18V) allows it to be used in 12V industrial rails. * **Smart Sensors**: Its small SOT-23 footprint is ideal for compact sensor nodes. --- ### 4. Comparison: ADR370 vs. Standard Regulators Unlike a standard LDO (Low Dropout Regulator), the ADR370 focuses on **accuracy** and **stability** rather than output current. | Feature | ADR370 (Voltage Reference) | Standard LDO (Voltage Regulator) | | :--- | :--- | :--- | | **Primary Goal** | High Precision / Low Drift | High Current / Power Delivery | | **Output Current** | Very Low (approx. 5mA) | High (200mA to several Amps) | | **Voltage Drift** | Excellent (25 ppm/°C) | Poor (50-200 ppm/°C) | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADR370ART and the ADR370BRT variants?
    • ⤷ How does the 2.048V output simplify calculations in 12-bit ADC systems?
    • ⤷ What are the recommended decoupling capacitor values for the ADR370?