Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADR4530BRZ-R7

  • AI
    ## Overview: ADR4530BRZ-R7 The **ADR4530BRZ-R7** is a high-precision, low-noise voltage reference belonging to the ADR45xx family manufactured by **Analog Devices**. It is designed specifically for high-resolution data acquisition systems where stability and accuracy are critical. --- ### Key Technical Specifications | Parameter | Specification | Note | | :--- | :--- | :--- | | **Output Voltage** | 3.0 V | Fixed output | | **Initial Accuracy** | ±0.02% (Max) | High precision | | **Temperature Coefficient** | 2 ppm/°C (Max) | Extremely stable over temperature | | **Output Noise (0.1 - 10Hz)** | 1.6 µV p-p | Ultra-low flicker noise | | **Supply Voltage Range** | 3.1 V to 15 V | Requires ~100mV headroom | | **Operating Temperature** | -40°C to +125°C | Industrial/Automotive grade | | **Package** | 8-Lead SOIC | "R7" denotes 7-inch reel packaging | --- ### Core Internal Architecture The device utilizes a unique architecture to achieve its high performance: 1. **Band Gap Reference Core:** Uses a specialized circuit that balances the negative temperature coefficient of a P-N junction with a positive temperature coefficient circuit to create a zero-TC voltage. 2. **Chopper-Stabilized Amplifiers:** To minimize 1/f (flicker) noise and offset drift, internal amplifiers use "chopping" techniques. 3. **Low Dropout (LDO) Stage:** The output stage is designed to provide stable current while maintaining a very low dropout voltage relative to the input. 4. **Trimming Circuitry:** During manufacturing, the device is laser-trimmed at the wafer level to ensure the output voltage and temperature drift meet the ultra-tight specifications. --- ### Pin Configuration (8-Lead SOIC) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1, 8 | NIC | No Internal Connection. Leave floating. | | 2 | VIN | Input Voltage Supply. | | 3, 5 | NC | No Connect (Reserved). | | 4 | GND | Ground Reference. | | 6 | VOUT | Regulated 3.0V Output. | | 7 | COMP | Compensation pin (optional decoupling). | --- ### Application Usage The ADR4530 is typically used as a "benchmark" voltage for other components. Common applications include: * **Precision ADCs:** Provides the reference voltage for 18-bit, 20-bit, or 24-bit Analog-to-Digital Converters. * **Instrumentation:** Used in weigh scales, medical devices, and high-precision multimeters. * **Process Control:** Critical for industrial PLCs (Programmable Logic Controllers) where temperature fluctuations are common. --- ### Implementation Example To ensure the performance stated in the datasheet, proper decoupling is required: ```c // Design Tip: Layout considerations 1. Place a 0.1uF ceramic capacitor close to the VIN pin. 2. Place a 1uF to 10uF low-ESR capacitor on the VOUT pin. 3. Use a "Star Ground" pattern to prevent noise from other components from affecting the reference accuracy. ```
    ✨ Follow-up Questions
    • ⤷How does the temperature coefficient of the ADR4530 compare to standard voltage references?
    • ⤷ What are the specific requirements for the input voltage headroom for this part?
    • ⤷ Can the ADR4530 drive a heavy capacitive load directly?