Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADR4533ARZ-R7

  • AI
    The **ADR4533ARZ-R7** is a high-precision, low-power, low-noise **Voltage Reference** IC manufactured by Analog Devices. It belongs to the ADR45xx family, which is known for its excellent temperature stability and low output noise. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADR4533ARZ-R7: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 3.3 V | | **Initial Accuracy** | ±0.02% (Maximum) | | **Temperature Coefficient** | 2 ppm/°C (Maximum) | | **Input Voltage Range** | 3.4 V to 15 V | | **Output Current** | +10 mA (Source) / -10 mA (Sink) | | **Supply Current** | 950 µA (Maximum) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | 8-Lead SOIC (Small Outline IC) | --- ### 2. Core Features * **Ultralow Noise:** It features very low wideband and 1/f noise, which is critical for maintaining the dynamic range of high-resolution converters. * **High Driving Capability:** Unlike many precision references, this part can source and sink up to 10 mA, allowing it to drive heavy loads or ADC reference inputs directly. * **Low Hysteresis:** It maintains its precision even after undergoing thermal cycling during the soldering process or environmental changes. * **Excellent Line/Load Regulation:** Ensures the 3.3V output remains stable regardless of fluctuations in input voltage or output current demand. --- ### 3. Pin Configuration (8-Lead SOIC) The pinout is designed for standard voltage reference layouts: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1, 8 | DNC | Do Not Connect. | | 2 | $V_{in}$ | Input Voltage Supply. | | 4 | GND | Ground Connection. | | 6 | $V_{out}$ | Reference Output Voltage (3.3V). | | 3, 5, 7 | NC | No Internal Connection. | --- ### 4. Typical Applications The ADR4533 is typically found in high-performance signal chains where precision is non-negotiable: 1. **Precision Data Acquisition:** Providing the reference voltage for 16-bit, 18-bit, and 24-bit ADCs (Analog-to-Digital Converters). 2. **Instrumentation:** High-accuracy medical equipment and laboratory measurement tools. 3. **Industrial Process Control:** Used in PLC (Programmable Logic Controller) analog I/O modules. 4. **Optical Networks:** Voltage control in laser drivers and optical transceivers. --- ### 5. Part Number Suffix Breakdown * **ADR4533:** The base model number (3.3V output). * **A:** Grade indicator (specifying accuracy/tempco). * **RZ:** Indicates SOIC package and RoHS compliance. * **R7:** Indicates "Tape and Reel" packaging (7-inch reel, typically 1000 units). ---
    ✨ Follow-up Questions
    • ⤷ How does the temperature coefficient of the ADR4533 affect overall system error?
    • ⤷ What are the recommended decoupling capacitor values for the ADR4533?
    • ⤷ How does this part compare to the ADR4525 or ADR4550 models?