Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADR4533BRZ-R7

  • AI
    The **ADR4533BRZ-R7** is a high-precision, low-power, low-noise voltage reference manufactured by **Analog Devices**. It belongs to the ADR45xx family, which is widely used in high-resolution data acquisition systems. --- ### ## Technical Specifications The following table highlights the core electronic characteristics of the device: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Output Voltage ($V_{out}$)** | 3.3 | V | | **Initial Accuracy** | ±0.02% (B Grade) | % | | **Temperature Coefficient** | 2 (Max) | ppm/°C | | **Input Voltage Range** | 3.4 to 15 | V | | **Output Noise (0.1Hz - 10Hz)** | 2.1 | µV p-p | | **Operating Current** | 950 (Max) | µA | | **Package Type** | 8-Lead SOIC_N | - | | **Operating Temperature** | -40 to +125 | °C | --- ### ## Key Electronic Features 1. **High Precision & Stability:** The device is designed to maintain a stable 3.3V output even with fluctuations in ambient temperature. A temperature coefficient of **2 ppm/°C** ensures that the voltage drifts minimally, which is critical for 16-bit to 24-bit Precision ADCs (Analog-to-Digital Converters). 2. **Ultra-Low Noise:** Electrical noise can introduce errors in measurement. The ADR4533 features very low flicker noise (1/f), making it suitable for instrumentation where signal integrity is paramount. 3. **Low Dropout (LDO) Operation:** The device requires only a small "headroom" (approx. 100mV) above the output voltage to function. This allows it to operate effectively in systems with a 5V or even a 3.4V supply rail. 4. **Source and Sink Capability:** Unlike some voltage references that only provide current, the ADR4533 can source up to **10mA** and sink up to **10mA**, providing flexibility in driving various loads. --- ### ## Typical Application Circuit When integrating this part into a PCB, a basic configuration usually involves decoupling capacitors to ensure stability: ```markdown Vin (Pin 2) ----[ 0.1uF - 10uF Cap ]---- GND Vout (Pin 6) ----[ 0.1uF - 10uF Cap ]---- GND ``` * **Input Capacitor:** Helps filter high-frequency noise from the power supply. * **Output Capacitor:** Essential for the internal compensation frequency loop to maintain stability. --- ### ## Comparison with A-Grade The "B" in ADR4533**B**RZ signifies the higher performance grade. | Feature | B-Grade (BRZ) | A-Grade (ARZ) | | :--- | :--- | :--- | | **Temp. Coefficient** | 2 ppm/°C | 5 ppm/°C | | **Initial Accuracy** | 0.02% | 0.04% |
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADR4533 and the ADR4525?
    • ⤷ What are the recommended layout techniques to minimize thermal hysteresis?
    • ⤷ Can this part be used as a reference for a 24-bit Sigma-Delta ADC?