Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADR520ART-R2

  • AI
    ## Overview of the ADR520ART-R2 The **ADR520ART-R2** is a high-precision, shunt-mode voltage reference manufactured by Analog Devices. It is designed specifically for space-constrained applications requiring high stability and low power consumption. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{out}$)** | 2.048 V | | **Initial Accuracy** | ±0.2% to ±0.4% (Grade dependent) | | **Temperature Coefficient** | 70 ppm/°C | | **Operating Current Range** | 50 µA to 15 mA | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-23-3 (Surface Mount) | --- ### 2. Core Functional Components The internal architecture of the ADR520 series typically consists of three main stages: 1. **Bandgap Core:** Uses the predictable thermal properties of silicon transistors to create a stable 1.2V base reference. 2. **Error Amplifier:** Compares the output voltage against the internal reference to maintain a steady state despite fluctuations in input current. 3. **Shunt Transistor:** Acts like a Zener diode, "shunting" excess current to ground to maintain the precise 2.048V output across its terminals. --- ### 3. Application Circuit Example To use the ADR520, you must use an external resistor ($R_{S}$) to limit the current entering the device. ```python # Formula to calculate the required series resistor (Rs) # Rs = (Vin_min - Vout) / (I_load_max + I_shunt_min) Vin_min = 5.0 # Input voltage Vout = 2.048 # Device output I_load = 0.001 # 1mA load I_shunt = 0.0001 # 100uA minimum operating current Rs = (Vin_min - Vout) / (I_load + I_shunt) print(f"Required Resistor: {Rs} Ohms") ``` --- ### 4. Typical Use Cases * **Precision Data Converters:** Providing a reference for 12-bit or 14-bit ADCs/DACs. * **Battery Powered Equipment:** Due to its low minimum operating current (50 µA). * **Instrumentation:** Portable handheld measurement devices. * **Process Control:** 4mA to 20mA current loops. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a shunt reference like the ADR520 and a series reference?
    • ⤷ How do I choose the optimal value for the external series resistor?
    • ⤷ Are there automotive-grade versions of this specific voltage reference?