Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADRF5010BCCZN-R7

  • AI
    ## ADRF5010BCCZN-R7: Technical Overview The **ADRF5010BCCZN-R7** is a high-performance, non-reflective, silicon-based SPDT (Single Pole Double Throw) switch manufactured by Analog Devices. It is designed for high-frequency applications, particularly within the 100 MHz to 30 GHz range. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Frequency Range** | 100 MHz to 30 GHz | | **Switch Type** | SPDT (Single Pole Double Throw) | | **Insertion Loss** | 1.1 dB @ 20 GHz; 1.4 dB @ 30 GHz | | **Isolation** | 38 dB @ 20 GHz; 34 dB @ 30 GHz | | **P0.1dB (Input Power)** | 27 dBm (0.5 W) | | **Settling Time** | 350 ns (50% CTL to 0.1 dB of final RF output) | | **Package** | 20-lead, 3 mm x 3 mm LGA (Land Grid Array) | --- ### 2. Functional Description The device utilizes a silicon-on-insulator (SOI) process, which allows for fast switching speeds and high power handling in a compact form factor. #### Main Components & Features: * **Non-Reflective Design:** The internal circuitry terminates the "OFF" ports in $50 \Omega$. This is crucial for maintaining system stability and preventing signal reflections back to the source. * **Integrated Driver:** It includes internal CMOS/LVTTL compatible control logic, eliminating the need for external negative voltage drivers often required by GaAs switches. * **Broadband Performance:** Its architecture allows it to maintain low insertion loss and high isolation across a massive frequency spectrum (up to 30 GHz). --- ### 3. Pin Configuration & Logic The ADRF5010 requires a positive and negative supply ($V_{DD}$ and $V_{SS}$) to operate. ```text Control Logic Table: | Control Input (CTRL) | RF Common to: | |----------------------|---------------| | Low (0V) | RF1 (Through) | | High (3.3V) | RF2 (Through) | ``` --- ### 4. Common Applications Due to its high frequency and fast settling time, this part is commonly used in: 1. **Test and Measurement:** High-speed automated test equipment (ATE). 2. **Military & Aerospace:** Radar systems and electronic warfare (EW). 3. **5G Infrastructure:** High-frequency base stations and point-to-point radios. 4. **Microwave Radios:** General signal routing in telecommunications.
    ✨ Follow-up Questions
    • ⤷ What are the power supply requirements (Vdd and Vss) for this device?
    • ⤷ How does the non-reflective architecture benefit a microwave system?
    • ⤷ What is the difference between the ADRF5010 and the ADRF5020 models?