Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADRF5045BCCZN-R7

  • AI
    ### ADRF5045BCCZN-R7: Technical Overview The **ADRF5045BCCZN-R7** is a high-performance, non-reflective silicon Silicon-on-Insulator (SOI) SP4T (Single-Pole, Four-Throw) switch designed by Analog Devices. It is optimized for high-frequency applications, particularly in cellular infrastructure and microwave telecommunications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 100 MHz to 30 GHz | | **Switch Type** | SP4T (Non-reflective) | | **Insertion Loss** | 2.4 dB (at 30 GHz) | | **Isolation** | 36 dB (at 30 GHz) | | **P0.1dB (Compression)** | 28 dBm | | **Switching Speed** | 150 ns (Rise/Fall) | | **Operating Voltage** | Dual Supply (+3.3V and -3.3V) | | **Package** | 24-terminal LGA (3mm x 3mm) | --- ### 2. Functional Description The ADRF5045 utilizes **SOI technology**, which offers several advantages over traditional GaAs (Gallium Arsenide) switches, including faster switching, lower power consumption, and better integration of control logic. #### Main Components & Logic: * **RF Core:** A broadband SP4T network that maintains high linearity and power handling across the full 30 GHz spectrum. * **Non-Reflective Design:** The "all-off" or unused ports are internally terminated into 50 $\Omega$. This prevents signal reflections back into the source, which is critical for protecting sensitive RF components like Power Amplifiers (PAs). * **Control Interface:** It uses two CMOS/LVTTL compatible control lines to select the active RF path. --- ### 3. Pin Configuration & Logic Table The device is controlled via two digital pins (**V1** and **V2**). | V1 State | V2 State | Active Path | | :--- | :--- | :--- | | Low | Low | RFC to RF1 | | High | Low | RFC to RF2 | | Low | High | RFC to RF3 | | High | High | RFC to RF4 | --- ### 4. Typical Applications * **5G mmWave Infrastructure:** Beamforming and signal routing in base stations. * **Test and Measurement:** High-frequency switching in automated test equipment (ATE). * **Military Radios:** Radar and electronic warfare systems. * **Satellite Communications (SATCOM):** Ground station signal processing. --- ### 5. Part Number Breakdown * **ADRF:** Analog Devices RF Product Line. * **5045:** Specific model number for the 30 GHz SP4T switch. * **BCCZ:** Package code (LGA - Land Grid Array, Pb-free). * **N:** Refers to the non-reflective characteristic. * **R7:** 7-inch reel packaging (standard for pick-and-place manufacturing). ---
    ✨ Follow-up Questions
    • ⤷ How does the non-reflective design of the ADRF5045 differ from a reflective switch?
    • ⤷ What are the specific layout requirements for the 24-LGA package to ensure thermal stability at 30 GHz?
    • ⤷ Can the ADRF5045 be operated using a single supply instead of dual supplies?