Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADRF5062BCCZN-R7

  • AI
    The **ADRF5062BCCZN-R7** is a high-performance, non-reflective, silicon-based SPDT (Single Pole Double Throw) switch designed by Analog Devices. It is specifically engineered for high-frequency applications, particularly within the 5G and mmWave spectrums. --- ### ## Technical Specifications Below are the primary electronic characteristics of the ADRF5062: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 30 GHz to 45 GHz | | **Insertion Loss** | 2.1 dB (at 40 GHz) | | **Isolation** | 31 dB (at 40 GHz) | | **Switching Speed** | 30 ns (Rise/Fall time) | | **Input P0.1dB** | 27 dBm | | **Control Logic** | CMOS/LVTTL Compatible | | **Operating Voltage** | Dual Supply (+3.3V and -3.3V) | | **Package** | 24-terminal LGA (3mm x 3mm) | --- ### ### Key Electronic Components & Architecture 1. **Silicon-on-Insulator (SOI) Technology:** Unlike traditional Gallium Arsenide (GaAs) switches, the ADRF5062 uses SOI technology. This allows for better integration of digital control logic on the same chip as the RF signal path and eliminates the need for external DC blocking capacitors if the DC voltage is 0V. 2. **Non-Reflective Design:** In the "OFF" state, the unused port is terminated into an internal 50 $\Omega$ load. This prevents signal reflections back into the source, which is critical for maintaining the stability of power amplifiers and signal chains. 3. **Fast Settling Time:** The internal driver circuitry is optimized for high-speed switching. This makes it suitable for **TDD (Time Division Duplexing)** systems where rapid transitions between transmit and receive modes are required. 4. **ESD Protection:** The device includes robust Electrostatic Discharge (ESD) protection circuitry on all terminals, enhancing reliability during the assembly process and field operation. --- ### ### Typical Application Circuit When integrating this part into a PCB layout, the following considerations are essential: * **Bypassing:** Use 0.1 $\mu$F and 100 pF capacitors on the $V_{DD}$ and $V_{SS}$ lines to minimize power supply noise. * **Thermal Management:** The bottom of the LGA package features an exposed pad that must be soldered to the PCB ground plane to dissipate heat and provide a low-inductance RF return path. * **Logic Interface:** The `CTRL` pin determines the RF path. High logic typically connects RFC to RF1, while low logic connects RFC to RF2.
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using SOI technology over GaAs for this RF switch?
    • ⤷ How does the non-reflective characteristic improve overall system performance?
    • ⤷ Can the ADRF5062 be used in a single-supply configuration?