Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADRF5515ABCPZN-R7

  • AI
    The **ADRF5515ABCPZN-R7** is a high-performance, integrated Radio Frequency (RF) front-end module designed by Analog Devices. It is primarily used in TDD (Time Division Duplex) communication systems, such as 5G massive MIMO base stations. --- ### 1. Key Technical Specifications Below are the core technical parameters for the ADRF5515: | Parameter | Specification | |:---|:---| | **Frequency Range** | 3.3 GHz to 4.0 GHz | | **Function** | Integrated Dual-Channel Receiver Front End | | **Components** | High Power Switch + Low Noise Amplifier (LNA) | | **Gain (LNA Stage)** | ~33 dB at 3.6 GHz | | **Noise Figure** | ~1.0 dB (High Gain Mode) | | **Power Handling** | 40 dBm (Peak) / 10W (Average) | | **Package** | 20-lead LFCSP (4mm x 4mm) | --- ### 2. Functional Components The device integrates two main stages to protect the receiver chain while maintaining signal sensitivity: 1. **High Power Silicon Switch:** * Designed to handle high-power signals from the transmitter (Tx). * Protects the sensitive LNA from damage when the system is in transmit mode. 2. **Low Noise Amplifier (LNA):** * Features two stages of amplification. * Provides high gain and a very low noise figure to improve the sensitivity of the receiver (Rx). * Includes a "Power Down" mode for energy efficiency. --- ### 3. Application Use Cases The ADRF5515 is specialized for infrastructure-level RF applications: * **5G NR (New Radio):** Specifically for mid-band (n77/n78) wireless infrastructure. * **Massive MIMO:** Its small form factor allows for high-density integration in multi-antenna arrays. * **TDD Base Stations:** Efficiently switches between transmit and receive paths. --- ### 4. Part Number Breakdown Understanding the suffix `ABCPZN-R7`: * **ADRF5515:** Base part number. * **A:** Version or Revision identifier. * **BCP:** Lead-frame Chip Scale Package (LFCSP). * **Z:** RoHS compliant (Lead-free). * **N:** Indicates "Non-Automotive" or specific temperature grade. * **R7:** 7-inch tape and reel packaging (typically 1,500 units). --- ### 5. Simplified Internal Block Diagram ```mermaid graph LR ANT((Antenna)) --- SW[High Power Switch] SW -- Tx Path --> Term[Termination/Ground] SW -- Rx Path --> LNA1[LNA Stage 1] LNA1 --> LNA2[LNA Stage 2] LNA2 --> OUT[Receiver Output] ```
    ✨ Follow-up Questions
    • ⤷ What are the power supply requirements for the ADRF5515?
    • ⤷ How does the 'High Gain' vs 'Low Gain' mode affect the noise figure?
    • ⤷ Can this part be used in FDD (Frequency Division Duplex) systems?