Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADRF5703BCCZN-R7

  • AI
    The **ADRF5703BCCZN-R7** is a high-performance, silicon-based digital attenuator developed by Analog Devices. It is designed for high-frequency applications, particularly in RF and microwave systems. --- ### 1. Key Technical Specifications The ADRF5703 is known for its precision and high-speed switching capabilities. Below is a summary of its core electrical parameters: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 100 MHz to 30 GHz | | **Attenuation Range** | 0 dB to 31.75 dB | | **Step Size** | 0.25 dB (7-bit resolution) | | **Insertion Loss** | ~2.5 dB at 20 GHz | | **Switching Speed** | ~100 ns | | **Input IP3** | +55 dBm (typical) | | **Package** | 20-terminal LGA (3.0 mm x 3.0 mm) | --- ### 2. Core Functional Blocks The internal architecture of the ADRF5703 consists of several critical electronic stages: * **Silicon-on-Insulator (SOI) Technology:** Unlike traditional GaAs (Gallium Arsenide) parts, this uses SOI, which allows for better integration and lower power consumption. * **7-Bit Digital Control:** It utilizes a 7-bit parallel or serial interface (SPI) to control the attenuation levels, allowing for high-granularity tuning (0.25 dB steps). * **Internal Driver:** The chip includes an integrated driver that translates digital logic levels (1.8V to 3.3V) into the gate voltages required to toggle the internal RF switches. * **ESD Protection:** Built-in circuitry protects the RF and digital pins from Electrostatic Discharge (ESD) events common in manufacturing. --- ### 3. Application Use Cases This component is typically found in hardware where precise signal amplitude control is required at high frequencies: 1. **5G Infrastructure:** Used in cellular base stations for beamforming and signal leveling. 2. **Military & Aerospace:** Integrated into radar systems and secure communication links. 3. **Test & Measurement:** Found in signal generators and network analyzers to adjust output power without distorting the signal. --- ### 4. Part Number Suffix Breakdown The suffix **BCCZN-R7** provides specific logistics and packaging information: * **BCCZN:** Refers to the specific Lead-free, LGA (Land Grid Array) package material and temperature rating. * **R7:** Indicates that the part is shipped on a **7-inch Tape and Reel**, typically containing 500 units, optimized for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What are the power supply requirements for the ADRF5703?
    • ⤷ How does SOI technology compare to GaAs for RF attenuators?
    • ⤷ What is the difference between parallel and serial control modes for this part?