Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADRF6510ACPZ-R7

  • AI
    The **ADRF6510ACPZ-R7** is a high-performance, dual-channel, high-dynamic-range low-pass filter and variable gain amplifier (VGA) manufactured by **Analog Devices**. It is primarily designed for use in communications receivers, specifically for baseband signal processing. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Dual Programmable Low-Pass Filter & VGA | | **Channels** | 2 (Matched I and Q channels) | | **Bandwidth** | 1 MHz to 30 MHz (Programmable in 1 MHz steps) | | **Gain Range** | -5 dB to +45 dB (Precision 1 dB steps) | | **Supply Voltage** | 3.3 V | | **Package** | 32-lead LFCSP (5mm x 5mm) | | **Control Interface** | SPI (Serial Port Interface) | --- ### 2. Functional Components The device integrates several critical electronic stages into a single chip: #### A. Programmable Low-Pass Filter (LPF) * **Filter Type:** 4th-order Butterworth filter. * **Purpose:** It suppresses out-of-band interference and provides anti-aliasing for the downstream Analog-to-Digital Converter (ADC). * **Programmability:** Users can adjust the corner frequency ($f_c$) from 1 MHz to 30 MHz via the SPI port. #### B. Variable Gain Amplifier (VGA) * **Structure:** The VGA is distributed across multiple stages to maintain a high dynamic range and low noise figure. * **Precision:** Provides a total gain range of 50 dB with 1 dB resolution, allowing for precise Automatic Gain Control (AGC) loops. #### C. DC Offset Correction * Internal circuitry minimizes DC offsets that can saturate the signal path, which is critical for direct-conversion (Zero-IF) receiver architectures. --- ### 3. Application Use Cases The ADRF6510 is commonly found in the following electronic systems: 1. **Point-to-Point Radios:** Managing baseband signal conditioning in high-speed microwave links. 2. **LTE/4G/5G Base Stations:** Filtering and amplifying I/Q signals before they reach the ADC. 3. **Military Communications:** Broadband receivers requiring high linearity and precise gain control. 4. **Satellite Terminals:** Ground station receiver chains. --- ### 4. Circuit Implementation Example The device is controlled via a digital interface. Below is a conceptual representation of how a controller (like an FPGA) might interact with the ADRF6510: ```c // Pseudo-code for setting Gain and Bandwidth via SPI void configure_ADRF6510(int target_gain, int cutoff_freq) { // Select the chip digitalWrite(CHIP_SELECT, LOW); // Send Bandwidth configuration (1 MHz to 30 MHz) SPI_Transfer(REG_BW_CONTROL, cutoff_freq); // Send Gain configuration (-5 to +45 dB) SPI_Transfer(REG_GAIN_CONTROL, target_gain); // Release the chip digitalWrite(CHIP_SELECT, HIGH); } ```
    ✨ Follow-up Questions
    • ⤷ How does the noise figure of the ADRF6510 change across its gain range?
    • ⤷ What are the power consumption characteristics of this device?
    • ⤷ Can the ADRF6510 be used in single-channel mode to save power?