Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADRF6518ACPZ-R7

  • AI
    The **ADRF6518ACPZ-R7** is a high-performance, dual-channel, digitally controlled Variable Gain Amplifier (VGA) combined with a low-pass filter (LPF). It is manufactured by Analog Devices and is primarily used in communications and signal processing systems. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Channels** | Dual (I/Q support) | | **Gain Range** | -12 dB to +48 dB (1 dB steps) | | **Filter Type** | Low-pass, 6th-order Butterworth | | **Bandwidth** | Programmable: 1 MHz to 63 MHz | | **Supply Voltage** | 3.15V to 3.45V | | **Control Interface** | 3-Wire Serial (SPI) | | **Package** | 32-LFCSP (5mm x 5mm) | --- ## 2. Core Functional Blocks The device integrates several critical electronic components into a single silicon chip: ### A. Variable Gain Amplifiers (VGA) The ADRF6518 features two stages of gain: * **Pre-amplifier:** Provides initial signal scaling. * **Post-amplifier:** Allows for fine-tuning the signal to match the dynamic range of an Analog-to-Digital Converter (ADC). * **Total Gain:** Up to 60 dB of total range, adjustable via SPI. ### B. Programmable Low-Pass Filter The chip includes a 6th-order Butterworth filter. This is essential for: * **Anti-aliasing:** Removing high-frequency noise before ADC conversion. * **Selectivity:** Filtering out adjacent channel interference in radio receivers. * **Adjustability:** The corner frequency can be programmed from 1 MHz to 63 MHz in 1 MHz increments. ### C. DC Offset Correction To prevent saturation in high-gain stages, the ADRF6518 includes an internal DC offset correction loop. This ensures that the output signal remains centered, which is vital for maintaining signal integrity in direct-conversion receivers. --- ## 3. Pin Configuration & Application Below is a simplified representation of the typical connectivity: ```text Pin Name | Function --------------|--------------------------------------------- VPI / VNI | Differential Input (Positive/Negative) VPO / VNO | Differential Output (Positive/Negative) SDI/CLK/CS | SPI Interface for Gain and Filter control ENBL | Chip Enable / Power-down mode VCC / GND | Power Supply (3.3V) and Ground ``` ### Common Applications 1. **Point-to-Point Radios:** Signal conditioning for microwave backhaul. 2. **Base Stations:** Implementing 4G/5G small cell receivers. 3. **Instrumentation:** High-speed data acquisition systems requiring adjustable bandwidth. 4. **Satellite Communications:** Managing I/Q signals in ground station terminals. ---
    ✨ Follow-up Questions
    • ⤷How does the ADRF6518 handle DC offset correction compared to other VGAs?
    • ⤷ What are the power consumption characteristics of the ADRF6518 at maximum gain?
    • ⤷ Can the I and Q channels be controlled independently in this chip?