Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADRF6701ACPZ-R7

  • AI
    ### ADRF6701ACPZ-R7 Overview The **ADRF6701ACPZ-R7** is a high-performance, highly integrated quadrature modulator developed by Analog Devices. It is designed specifically for high-linearity applications and features an integrated fractional-N phase-locked loop (PLL) and a low noise voltage-controlled oscillator (VCO). --- ### Key Technical Specifications The following table summarizes the primary electrical characteristics of the ADRF6701: | Parameter | Specification | | :--- | :--- | | **RF Output Frequency Range** | 400 MHz to 1250 MHz | | **Output IP3 (OIP3)** | +24.5 dBm @ 900 MHz | | **Output P1dB** | +12.3 dBm @ 900 MHz | | **Carrier Feedthrough** | -40 dBm @ 900 MHz | | **Sideband Suppression** | -46 dBc @ 900 MHz | | **Supply Voltage** | 3.15 V to 3.45 V | | **Package Type** | 40-lead LFCSP (6mm x 6mm) | --- ### Core Components and Functionality The ADRF6701 is an "all-in-one" solution for signal upconversion. Its internal architecture consists of three main sections: #### 1. Quadrature Modulator This section converts baseband (I/Q) signals directly to RF. It uses a high-accuracy phase splitter to ensure the $0^\circ$ and $90^\circ$ components are precise, which is critical for minimizing sideband image interference. #### 2. Frequency Synthesizer (PLL/VCO) * **Fractional-N PLL:** Allows for very fine frequency resolution, enabling the device to tune to specific channels with high precision. * **Integrated VCO:** Eliminates the need for an external resonator. It covers a wide frequency range to support various wireless standards. #### 3. Control Interface The device is programmed via a **3-wire Serial Port Interface (SPI)**. This allows the user to: * Set the output frequency. * Adjust the phase and gain balance for I/Q calibration. * Manage power consumption by enabling/disabling internal blocks. --- ### Typical Application Diagram Below is a conceptual representation of how the ADRF6701 sits within a signal chain: ```mermaid graph LR A[Baseband Processor] -- I/Q Signals --> B(ADRF6701 Modulator) C[Reference Clock] -- Ref In --> B B -- RF Out --> D[Power Amplifier] E[Microcontroller] -- SPI Control --> B ``` ### Common Use Cases 1. **Cellular Base Stations:** Specifically for GSM, EDGE, W-CDMA, and LTE point-to-point links. 2. **Broadband Wireless Access:** Used in high-speed data transmission systems. 3. **Radio Link Systems:** Found in microwave backhaul equipment. ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption characteristics of the ADRF6701 during full operation?
    • ⤷ How does the ADRF6701 compare to the ADRF6702 in terms of frequency range?
    • ⤷ What external components are required for the PLL loop filter?