ADT7481ARMZ-R7
AI

## Technical Overview of the ADT7481ARMZ-R7
The **ADT7481ARMZ-R7** is a high-precision, three-channel digital temperature sensor and system monitor manufactured by Analog Devices (formerly ON Semiconductor/ONNN). It is widely used in computing and industrial applications for thermal management.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Interface** | SMBus (2-wire serial) |
| **Supply Voltage** | 3.0 V to 3.6 V |
| **Temperature Channels** | 3 (1 Internal, 2 Remote) |
| **Package Type** | MSOP-10 (Micro Small Outline Package) |
| **Temperature Range** | −40°C to +125°C |
| **Remote Accuracy** | ±1°C (between 60°C and 100°C) |
| **Resolution** | 0.0625°C (11-bit) |
---
### 2. Functional Electronic Components
The device integrates several critical electronic sub-systems within its silicon architecture:
#### A. Remote Diode Monitoring (2 Channels)
The ADT7481 is designed to measure the temperature of external thermal diodes, typically found in **CPUs, GPUs, or FPGAs**. It uses a technique called **Series Resistance Cancellation**, which automatically compensates for the resistance of the PCB traces leading to the remote sensor.
#### B. Internal Temperature Sensor
A built-in band gap temperature sensor monitors the ambient temperature of the PCB where the ADT7481 is mounted.
#### C. Analog-to-Digital Converter (ADC)
The device contains a high-resolution Sigma-Delta ADC. It converts the analog voltage differences from the diodes into 11-bit digital values that can be read via the SMBus.
#### D. Configurable Alert System
The chip features dedicated pins (like `THERM` and `ALERT`) that act as interrupts. These pins trigger when a temperature exceeds a pre-programmed limit, allowing the system to:
* Increase fan speed.
* Throttling the processor.
* Initiate a safety shutdown.
---
### 3. Pin Configuration
| Pin # | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | **VDD** | Positive Supply Voltage (3.3V nominal). |
| 2 | **D1+** | Positive Connection for Remote Diode 1. |
| 3 | **D1-** | Negative Connection for Remote Diode 1. |
| 4 | **THERM** | Over-temperature output (Open-drain). |
| 5 | **GND** | Ground. |
| 6 | **ALERT** | SMBus Alert/Interrupt output. |
| 7 | **SDA** | SMBus Serial Data I/O. |
| 8 | **SCL** | SMBus Serial Clock Input. |
| 9 | **D2+** | Positive Connection for Remote Diode 2. |
| 10 | **D2-** | Negative Connection for Remote Diode 2. |
---
### 4. Common Applications
* **Desktop and Notebook Computers:** Monitoring processor and graphics core heat.
* **Servers:** Multi-zone thermal management in data centers.
* **Industrial Equipment:** Monitoring sensitive electronics in harsh environments.
* **Embedded Systems:** Thermal protection for high-performance SoCs.
---
- ⤷
What is the difference between the ADT7481 and the ADT7461?
- ⤷ How does series resistance cancellation work in this chip?
- ⤷ Can the SMBus address be changed for multiple sensors on the same bus?