Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADTL082ARMZ-R2

  • AI
    The **ADTL082ARMZ-R2** is a high-performance, dual-channel, JFET-input operational amplifier (op-amp) manufactured by Analog Devices. It is designed for applications requiring high precision, low noise, and high input impedance. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | JFET-Input | | **Supply Voltage (Max)** | ±18 V (or 36 V single supply) | | **Gain Bandwidth Product** | 5 MHz | | **Slew Rate** | 20 V/µs | | **Input Bias Current** | 10 pA (Typical) | | **Low Noise** | 16 nV/√Hz @ 1 kHz | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Core Features and Advantages * **JFET Input Technology:** The use of Junction Field-Effect Transistors at the input stage results in extremely low input bias currents. This makes the chip ideal for interfacing with high-impedance sensors or photodiode circuits. * **High Slew Rate:** At 20 V/µs, it can handle rapid changes in input signals without significant distortion, which is critical for pulse processing. * **Wide Supply Range:** It can operate on industry-standard ±15V rails, making it a "drop-in" upgrade for older op-amps like the TL082 or LF353 in many designs. * **Precision Performance:** It offers a lower offset voltage and better thermal stability compared to standard general-purpose JFET op-amps. --- ### 3. Pin Configuration (MSOP-8) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUTPUT A | Output of the first amplifier | | 2 | -INPUT A | Inverting input of the first amplifier | | 3 | +INPUT A | Non-inverting input of the first amplifier | | 4 | V- | Negative power supply rail | | 5 | +INPUT B | Non-inverting input of the second amplifier | | 6 | -INPUT B | Inverting input of the second amplifier | | 7 | OUTPUT B | Output of the second amplifier | | 8 | V+ | Positive power supply rail | --- ### 4. Common Applications 1. **Sensor Interfaces:** Amplifying signals from pH probes, humidity sensors, or piezoelectric transducers. 2. **Precision Filters:** Used in active high-pass, low-pass, or band-pass filters where signal integrity is paramount. 3. **Photodiode Transimpedance Amplifiers:** Converting light-generated current into a measurable voltage. 4. **Professional Audio:** Used in pre-amplifiers and signal processing gear due to its low distortion and high-speed characteristics. --- ### 5. Part Number Breakdown: ADTL082ARMZ-R2 * **ADTL082:** The base model/series. * **A:** Performance grade (Standard). * **RM:** Indicates the package type (**MSOP**). * **Z:** Indicates **RoHS compliance** (Lead-free). * **R2:** Indicates the packaging format (**7-inch Reel**, usually 250 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADTL082 and the standard TL082?
    • ⤷ How does the JFET input affect the noise performance compared to CMOS op-amps?
    • ⤷ Can the ADTL082 be used in a single-supply configuration?