Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ADV3219ACPZ-R7

  • AI
    ## Technical Overview of ADV3219ACPZ-R7 The **ADV3219ACPZ-R7** is a high-speed, buffered, 2:1 analog multiplexer (MUX) manufactured by Analog Devices. It is specifically designed for high-resolution video switching and high-speed signal routing applications. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Configuration** | 2:1 Differential / Single-Ended Multiplexer | | **Bandwidth (-3 dB)** | 800 MHz | | **Slew Rate** | 2500 V/µs | | **Crosstalk** | -82 dB @ 10 MHz | | **Supply Voltage** | ±4.5 V to ±5.5 V | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +85°C | --- ### Core Electronic Components & Architecture #### 1. Input Stage The device features high-impedance inputs designed to interface with various signal sources. Because it is a high-speed part, the input capacitance is kept extremely low to minimize signal loading. #### 2. Switching Matrix The internal switching core uses high-speed bipolar transistors. It is optimized for: * **Fast Switching Time:** Typically around 10 ns. * **Low Distortion:** Maintaining signal integrity for high-definition video. #### 3. Output Buffer Unlike "passive" switches, the ADV3219 includes a built-in **unity-gain buffer**. * **Drive Capability:** It can drive high-capacitance loads or back-terminated coaxial cables (typically 150 $\Omega$ loads). * **Low Impedance:** The output stage ensures that the signal does not sag when connected to the next stage of the circuit. #### 4. Control Logic The switching is controlled via a standard CMOS/TTL compatible logic pin (`SEL`). * **Logic 0:** Selects Input 1. * **Logic 1:** Selects Input 2. --- ### Typical Application Circuit When implementing this part, designers must focus on power supply decoupling and impedance matching. ```python # Conceptual Pinout Mapping # 1: IN1 (Signal Input 1) # 2: IN2 (Signal Input 2) # 3: V- (Negative Supply) # 4: SEL (Logic Select) # 5: EN (Enable/Disable) # 6: V+ (Positive Supply) # 7: OUT (Buffered Output) # 8: GND (Ground / Thermal Pad) ``` --- ### Critical Design Considerations 1. **PCB Layout:** Due to the 800 MHz bandwidth, microstrip or stripline techniques are required to maintain a 50 $\Omega$ or 75 $\Omega$ characteristic impedance. 2. **Decoupling:** Use 0.1 µF and 0.01 µF ceramic capacitors in parallel as close to the $V+$ and $V-$ pins as possible to filter high-frequency noise. 3. **Thermal Management:** The LFCSP package has an exposed pad (EPAD) that must be soldered to the PCB ground plane to dissipate heat and provide a low-inductance path to ground.
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the ADV3219 and the ADV3220?
    • ⤷ How does the 'Enable' pin affect power consumption in this device?
    • ⤷ Can the ADV3219 be used for digital signals like LVDS?