Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AIAM-01-R15K

  • AI
    The **AIAM-01-R15K** is a specific electronic component belonging to the **inductor** family, specifically a fixed, axial-leaded molded inductor. These parts are commonly used for signal filtering, decoupling, and EMI suppression. ### 1. Technical Specifications The part number follows a standard coding convention. Below are the primary specifications for this component: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Fixed Axial Inductor | | **Inductance** | 0.15 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the "K" suffix) | | **Form Factor** | Axial Leaded (Through-hole) | | **Core Material** | Phenolic or Ferrite (depending on specific revision) | | **Operating Temperature** | -40°C to +105°C (typical) | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying equivalent replacements: * **AIAM-01**: Refers to the series (Molded Axial Inductor, Size 01). * **R15**: Represents the inductance value. The "R" acts as a decimal point. * *R15 = 0.15 µH* * **K**: Represents the tolerance level. * *K = ±10%* * *J = ±5%* * *M = ±20%* --- ### 3. Key Electronic Characteristics These components are designed with specific electrical behaviors in mind: * **High Self-Resonant Frequency (SRF):** Because the inductance is very low (0.15 µH), this part is capable of operating at high frequencies without becoming capacitive. * **Molded Construction:** The "M" in the series usually indicates a molded epoxy body. This provides excellent moisture resistance and mechanical strength, making it suitable for harsh environments. * **Low DC Resistance (DCR):** Inductors of this size generally have very low resistance, minimizing power loss and heat generation in the circuit. --- ### 4. Common Applications The AIAM-01-R15K is typically found in the following types of circuits: 1. **RF Circuits:** Used in high-frequency matching networks. 2. **Decoupling:** Filtering out high-frequency noise from power supply lines to prevent interference with sensitive ICs. 3. **Telecommunications:** Signal shaping and filtering in communication equipment. 4. **Consumer Electronics:** General-purpose noise suppression in TVs, radios, and computer peripherals.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the AIAM-01 series?
    • ⤷ How does the 'R15' value compare to a '150' value in inductor coding?
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?