Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AIAM-02-R56K

  • AI
    The **AIAM-02-R56K** is a specific electronic component belonging to the **Fixed Inductor** family, typically manufactured by Abracon. It is a miniature axial-leaded inductor designed for various signal processing and power filtering applications. --- ### 1. Technical Specifications The part number follows a standard nomenclature where "R56" represents the inductance value and "K" represents the tolerance. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.56 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **Current Rating (DC)** | ~750 mA to 1000 mA (Typical) | | **DC Resistance (DCR)** | ~0.15 - 0.20 Ohms (Max) | | **Self-Resonant Frequency** | ~300 MHz | | **Package Type** | Axial Leaded (Through-hole) | | **Core Material** | Ferrite | --- ### 2. Physical Construction The AIAM-02 series features a compact, rugged construction: * **Form Factor:** It resembles a small resistor (cylindrical body with two wire leads). * **Coating:** Usually epoxy-coated or molded for environmental protection against moisture and physical shock. * **Marking:** Typically uses a color-coding system (similar to resistors) or laser-printed text to denote value and tolerance. --- ### 3. Key Applications Because of its small size and high resonance, this inductor is used in: 1. **RF Circuits:** High-frequency filtering and impedance matching. 2. **Power Supplies:** Decoupling and noise suppression in low-current DC lines. 3. **Consumer Electronics:** Used in TVs, radios, and communication equipment to prevent EMI (Electromagnetic Interference). 4. **Signal Conditioning:** Smooths out signals in analog processing circuits. --- ### 4. Part Number Breakdown Understanding the code helps in finding replacements: ```text AIAM - 02 - R56 - K | | | | | | | +-- Tolerance (K = ±10%) | | +------- Inductance Value (R56 = 0.56 µH) | +------------ Series Size / Form Factor +------------------- Abracon Inductor Axial Molded ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the AIAM-02-R56K?
    • ⤷ How does the 'K' tolerance compare to 'J' or 'M' in this series?
    • ⤷ What is the maximum operating temperature for axial inductors like this?