Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AIAS-01-R22K

  • AI
    The **AIAS-01-R22K** is a specific surface-mount power inductor manufactured by Abracon. It is part of the AIAS-01 series, designed for high-density power supply circuits where compact size and reliability are critical. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's exact specifications: | Segment | Code | Meaning | | :--- | :--- | :--- | | **Series** | AIAS-01 | Surface Mount Power Inductor Series (Unshielded) | | **Inductance** | R22 | 0.22 microhenries (µH) | | **Tolerance** | K | ±10% | --- ### 2. Technical Specifications These values represent the typical performance parameters for this electronic component: * **Inductance:** 0.22 µH * **Tolerance:** ±10% * **DC Resistance (DCR):** Usually very low (mΩ range) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage. * **Operating Temperature:** Typically -40°C to +125°C. * **Package Type:** SMD (Surface Mount Device). --- ### 3. Key Electronic Characteristics The AIAS-01-R22K has specific physical and electrical behaviors: #### A. Unshielded Design As part of the AIAS-01 series, this is an **unshielded** inductor. * **Pros:** Generally smaller and cheaper than shielded versions; higher saturation current for its size. * **Cons:** Higher EMI (Electromagnetic Interference) radiation. It should not be placed too close to sensitive analog components. #### B. High Q-Factor It is designed to maintain high efficiency in high-frequency applications, ensuring low signal loss. #### C. Wire-Wound Construction This part utilizes a wire-wound structure on a ceramic or ferrite core, providing better current handling capabilities compared to multilayer chip inductors. --- ### 4. Common Applications Due to its low inductance (0.22 µH) and compact SMD footprint, it is commonly used in: 1. **DC/DC Converters:** Voltage regulation in mobile devices and laptops. 2. **Switching Power Supplies:** High-frequency switching circuits. 3. **Signal Filtering:** Decoupling and noise suppression in power lines. 4. **Telecommunications:** Base station equipment and networking hardware. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the AIAS-01 series package?
    • ⤷ How does an unshielded inductor affect PCB layout compared to a shielded one?
    • ⤷ What is the maximum current rating for the AIAS-01-R22K?