Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AIAS-02-R68K

  • AI
    ### Technical Overview: AIAS-02-R68K The **AIAS-02-R68K** is a specific electronic component belonging to the **fixed inductor** category. It is designed for surface-mount applications where space-saving and high-frequency performance are critical. --- ### Key Specifications The following table summarizes the primary electrical and physical characteristics of the AIAS-02-R68K: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor / RF Inductor | | **Inductance** | 0.68 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by the 'K' suffix) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package / Case** | Axial Lead / Molded (Specific to AIAS series dimensions) | | **DC Resistance (DCR)** | Typ. Low (Specific to wire gauge) | | **Shielding** | Unshielded | --- ### Component Breakdown #### 1. Inductance (0.68 µH) The "R68" in the part number represents the inductance value. In electronic coding, "R" acts as the decimal point. Therefore, R68 equals **0.68**. #### 2. Tolerance (±10%) The "K" at the end of the part number is the tolerance code. * **J** = ±5% * **K** = ±10% * **M** = ±20% #### 3. Construction and Material * **Core Material:** Usually features a phenolic or ferrite core depending on the specific frequency requirements. * **Form Factor:** The AIAS-02 series is typically a small, molded inductor that mimics the shape of a resistor but functions as an inductive element. --- ### Common Applications These inductors are primarily used in high-frequency circuits where signal integrity and noise filtering are required. Typical use cases include: * **RF Coupling/Decoupling:** Used in radio frequency circuits to block high-frequency noise while allowing DC to pass. * **Signal Filtering:** Part of LC (Inductor-Capacitor) filters to smooth out signals. * **Telecommunications:** Integration into mobile devices, routers, and base stations. * **Consumer Electronics:** Power supply noise suppression in compact devices. --- ### Equivalent Part Numbering Logic When searching for or replacing this part, understand the suffix logic: `AIAS` (Series) - `02` (Size/Style) - `R68` (Value) `K` (Tolerance)
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irat) for the AIAS-02 series?
    • ⤷ How does an unshielded inductor like this affect EMI in a circuit?
    • ⤷ What are the physical dimensions of the 02 package size?