Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AIAS-03-R18

  • AI
    The **AIAS-03-R18** is a specialized electronic component, specifically a **Surface Mount (SMD) Power Inductor** produced by Abracon. It belongs to the AIAS-03 series, designed for compact power management applications. ### 1. Key Specifications Below are the primary electronic characteristics of the AIAS-03-R18: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.18 µH | | **Tolerance** | ±20% (Standard for this series) | | **Case Size / Footprint** | SMD (Small Form Factor) | | **Operating Temperature** | -40°C to +85°C (typically) | | **Core Material** | Ferrite | | **Shielding** | Non-shielded / Unshielded | --- ### 2. Physical and Structural Design The component is engineered for automated assembly (Surface Mount Technology). * **Construction:** It features a wound-wire structure on a ferrite core. Because it is an "R18" (0.18 µH), the number of windings is relatively low, which results in very low DC resistance (DCR). * **Termination:** The leads are typically tin-plated for easy soldering onto Printed Circuit Boards (PCBs). * **Form Factor:** The "03" in the series prefix generally denotes the physical dimensions (typically around 3.5mm x 3.0mm, though exact dimensions should be verified via the specific Abracon datasheet for the AIAS-03 footprint). --- ### 3. Electronic Functions As a power inductor, the AIAS-03-R18 serves three main purposes in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Filtering:** It acts as a low-pass filter, blocking high-frequency noise while allowing DC current to pass, which is essential for stabilizing power rails. 3. **High-Frequency Response:** Due to its low inductance (0.18 µH), this part is optimized for high-speed switching frequencies (MHz range). --- ### 4. Typical Applications Because of its small size and low inductance value, you will find this part in: * **Mobile Devices:** Smartphones and tablets where board space is at a premium. * **Voltage Regulator Modules (VRMs):** Providing clean power to microprocessors. * **Battery Powered Equipment:** Where high efficiency and minimal DCR are required to extend battery life. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms/Isat) for the AIAS-03-R18?
    • ⤷ How does an unshielded inductor like the AIAS-03-R18 affect EMI compared to shielded versions?
    • ⤷ What are the exact physical dimensions of the AIAS-03 series footprint?