Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AIAS-03-R27K

  • AI
    The **AIAS-03-R27K** is a specific surface-mount electronic component, primarily categorized as a **Fixed Inductor** (specifically a power inductor or a signal line inductor depending on the circuit application). Below is a detailed breakdown of its electronic specifications and characteristics. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's key attributes: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **AIAS** | Series Name | High-performance surface mount inductor series. | | **03** | Physical Size | Dimensions (approx. 4.5mm x 3.2mm). | | **R27** | Inductance Value | **0.27 µH** (Microhenries). | | **K** | Tolerance | **±10%** variation from the nominal value. | --- ### 2. Technical Specifications These values are standard for the AIAS-03 series at the 0.27µH rating: * **Inductance:** 0.27 µH * **Tolerance:** ±10% * **Operating Temperature:** -40°C to +125°C (including self-heating). * **Mounting Type:** SMD/SMT (Surface Mount Device). * **Material Core:** Typically Ferrite or Ceramic based on high-frequency requirements. --- ### 3. Core Electronic Functions The AIAS-03-R27K performs several critical roles within a PCB (Printed Circuit Board) layout: #### A. Energy Storage In DC-DC converters or switching power supplies, this inductor stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle to maintain a steady current. #### B. Noise Filtering (EMI Suppression) Because it has low inductance (0.27µH), it is highly effective at filtering out **high-frequency noise**. It allows DC current to pass while providing high impedance to AC interference. #### C. Signal Decoupling Used in RF (Radio Frequency) or high-speed data circuits to isolate different stages of a circuit, preventing unwanted signals from traveling through the power rail. --- ### 4. Typical Applications Due to its small form factor and low inductance, you will commonly find this part in: * **Portable Electronics:** Smartphones, tablets, and wearables. * **Computing:** Motherboards and GPU power phases. * **Communication Equipment:** Routers and wireless base stations. * **Automotive:** Infotainment systems and sensor modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum current (I-sat) ratings for the AIAS-03 series?
    • ⤷ How does the 'R27' inductance value compare to a '2R7' value in inductor naming?
    • ⤷ What is the typical footprint size for an AIAS-03 inductor on a PCB?