Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AIAS-03-R47K

  • AI
    ## AIAS-03-R47K Electronic Component Analysis The **AIAS-03-R47K** is a specific surface-mount (SMD) power inductor commonly used in signal processing and power management circuits. It belongs to the **AIAS-03** series of shielded power inductors. --- ### 1. Technical Specifications The part number follows a standardized coding system. Below are the primary electrical characteristics: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.47 µH (Microhenries) | | **Tolerance** | ±10% (Indicated by 'K') | | **Component Type** | Shielded Surface Mount Inductor | | **Mounting Type** | SMD/SMT | | **Operating Temperature** | -40°C to +125°C (Typical) | --- ### 2. Decoding the Part Number The alphanumeric code provides a footprint of the component's capabilities: * **AIAS-03**: The series designation, which determines the physical dimensions and the material used (usually a ferrite core). * **R47**: Represents the inductance value. The 'R' acts as a decimal point. Therefore, R47 = **0.47 µH**. * **K**: Represents the tolerance of the inductance value. In the electronics industry, **K = ±10%**. --- ### 3. Key Features & Applications This component is designed for high-density electronic assemblies where electromagnetic interference (EMI) protection is necessary. #### Features * **Magnetic Shielding:** Reduces leakage flux and protects surrounding components from interference. * **Compact Footprint:** Designed for automated pick-and-place assembly. * **Low DCR:** Usually features low DC resistance to minimize power loss and heat generation. #### Common Applications 1. **DC-DC Converters:** Used as energy storage elements in voltage regulation. 2. **Portable Electronics:** Found in smartphones and tablets due to its small size. 3. **Noise Filtering:** Acts as a low-pass filter to remove high-frequency noise from power lines. 4. **Telecommunications:** Used in RF and signal modulation circuits. --- ### 4. Physical Dimensions (Typical AIAS-03 Series) *Note: Always verify with the manufacturer datasheet (e.g., Abracon or similar), as dimensions can vary slightly by brand.* ```text Approximate Footprint: Length: ~3.0 mm to 4.5 mm Width: ~3.0 mm to 4.5 mm Height: ~1.0 mm to 2.5 mm ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the AIAS-03-R47K?
    • ⤷ How does the 'shielded' nature of this inductor impact PCB layout design?
    • ⤷ What is the maximum current rating (Irat) for this specific component?