Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-0603-R043

  • AI
    The **AISC-0603-R043** is a surface-mount (SMD) wire-wound ceramic chip inductor. These components are primarily used in high-frequency applications where high precision and low loss are required. --- ### 1. Key Technical Specifications The part number reveals specific details about the component's size, material, and electrical value: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 43 nH | Nanhenries ($R043 = 0.043 \mu H$) | | **Case Size** | 0603 | Imperial (1.6 x 0.8 mm) | | **Core Material** | Ceramic | Non-magnetic core for high-frequency performance | | **Type** | Wire-wound | Offers lower DC resistance and higher current handling | | **Standard Tolerance** | ±5% (J) | Common tolerance for this series | ### 2. Electrical Characteristics Below are the typical performance ratings for the R043 variant in the AISC-0603 series: * **Q Factor (Minimum):** Typically around 50–60 at 300 MHz. A high Q factor indicates low energy loss. * **Self-Resonant Frequency (SRF):** Usually > 2000 MHz. This defines the maximum usable frequency. * **DC Resistance (DCR):** Max ~0.35 $\Omega$. Low DCR prevents excessive heat and voltage drops. * **Rated Current:** Max ~600 mA. This is the maximum DC current the inductor can handle before overheating. --- ### 3. Construction and Materials The AISC series utilizes specific construction methods to achieve its performance: 1. **Ceramic Body:** Provides excellent thermal stability and very low parasitic capacitance. 2. **Copper Wire:** Wound precisely around the ceramic core to achieve the target inductance. 3. **Encapsulation:** Usually coated with a clear epoxy or resin to protect the windings from physical damage and oxidation during soldering. ### 4. Common Applications Due to its high SRF and Q factor, the AISC-0603-R043 is found in: * **RF Transceivers:** Used in matching networks for antennas. * **Wireless Communication:** Bluetooth, Wi-Fi, and cellular (LTE/5G) modules. * **Filtering:** High-frequency low-pass or band-pass filters. * **Oscillators:** Stability in VCO (Voltage Controlled Oscillator) circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How do I interpret the '0603' size code in metric units?
    • ⤷ What happens to the inductor's performance if the Rated Current is exceeded?