Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-0603F-R12

  • AI
    The **AISC-0603F-R12** is a surface-mount (SMD) wire-wound ceramic chip inductor. It is commonly used in high-frequency applications, such as RF (Radio Frequency) circuits, due to its precision and stability. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Part Number Breakdown The nomenclature typically follows this structure: | Component Part | Meaning | Description | | :--- | :--- | :--- | | **AISC** | Series | High Frequency Wire-Wound Chip Inductor | | **0603** | Package Size | Imperial 0603 (Metric 1608: 1.6mm x 0.8mm) | | **F** | Feature | Ferrite/High Current or Standard (depends on specific sub-series) | | **R12** | Inductance Value | **120 nH** (R denotes the decimal point in µH) | --- ### 2. Key Technical Specifications Based on the standard 0603 wire-wound inductor profile, the "R12" variant typically possesses the following electrical attributes: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 120 nH | | **Tolerance** | ±5% (Commonly 'J' grade) | | **Quality Factor (Q)** | 30 - 45 (at 150 MHz) | | **Self-Resonant Frequency (SRF)** | ~1100 MHz to 1300 MHz | | **DC Resistance (DCR)** | 0.40 - 0.70 $\Omega$ (Max) | | **Rated Current ($I_{dc}$)** | 250 mA - 400 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Construction and Material * **Core Material:** Ceramic (Non-magnetic). Ceramic cores provide excellent $Q$ (Quality Factor) and stability at high frequencies compared to ferrite cores. * **Winding:** Precision wire-wound construction ensures lower DC resistance and higher current handling than multilayer chip inductors. * **Termination:** Usually Gold (Au) or Tin (Sn) over Nickel (Ni) to ensure high solderability and resistance to leaching. ### 4. Typical Applications The AISC-0603F-R12 is ideal for circuits requiring high frequency and high precision, such as: 1. **RF Matching Networks:** Impedance matching for antennas in Wi-Fi or Bluetooth modules. 2. **Filter Circuits:** Low-pass, high-pass, and band-pass filters. 3. **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators). 4. **Mobile Communication:** Signal processing in cellular handsets and base stations. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' impact the performance of this inductor in an RF circuit?
    • ⤷ What are the physical dimensions of a 0603 SMD package in millimeters?