Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-0603F-R33

  • AI
    ## Analysis of AISC-0603F-R33 The **AISC-0603F-R33** is a high-frequency **Wire-Wound Ceramic Chip Inductor**. It is part of the AISC-0603F series, typically manufactured by Abracon. These components are designed for high-frequency applications where high Q factors and stable inductance are critical. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **AISC** | Series | Abracon Inductor Surface Mount Ceramic | | **0603** | Case Size | 0603 (Inch) / 1608 (Metric) | | **F** | Type | Ferrite or Specific Material/Process Code | | **R33** | Inductance | **0.33 µH** (330 nH) | --- ### 2. Technical Specifications The primary electrical parameters for the R33 variant are as follows: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.33 µH (330 nH) | | **Tolerance** | Usually ±5% (J) or ±10% (K) | | **Quality Factor (Q) min** | ~15 to 30 (Frequency dependent) | | **DC Resistance (DCR) max** | ~0.63 Ω | | **Rated Current (Idc) max** | ~400 mA | | **Self-Resonant Frequency (SRF)** | > 500 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Physical Construction The **0603F** series utilizes a specific construction method to balance size and performance: * **Core Material:** Ceramic core, providing excellent thermal stability and high-frequency performance. * **Winding:** Precision wire-wound construction. This allows for lower DC resistance and higher current handling compared to multilayer chip inductors. * **Terminations:** Typically gold-plated or tin-plated over nickel to ensure excellent solderability. --- ### 4. Key Applications Because of its high SRF (Self-Resonant Frequency) and stable inductance, it is used in: 1. **RF Circuits:** Matching networks and filters for wireless communication. 2. **Mobile Devices:** Cell phones, GPS receivers, and Bluetooth modules. 3. **High-Speed Data Lines:** Noise suppression and signal conditioning. 4. **VCOs:** Voltage Controlled Oscillators requiring high Q-factor components. --- ### 5. Footprint (0603 Inch) ```json { "length": "1.60 mm", "width": "0.80 mm", "height": "0.80 mm" } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer ceramic inductors?
    • ⤷ How does the Q-factor affect the performance of this inductor in RF circuits?
    • ⤷ Can this inductor be used for power supply decoupling?