Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-0603F-R39

  • AI
    The **AISC-0603F-R39** is a high-frequency wire-wound chip inductor manufactured by Abracon. It is designed for applications requiring high precision and stability in a compact form factor. ### 1. General Specifications The part number can be broken down to understand its primary characteristics: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.39 µH (390 nH) | | **Case Size** | 0603 (1.6mm x 0.8mm) | | **Technology** | Wire-wound Ceramic Core | | **Tolerance** | Usually ±5% (J) or ±10% (K) | --- ### 2. Electrical Performance This component is optimized for RF (Radio Frequency) circuits. Below are the typical electrical ratings: | Feature | Typical Value | Description | | :--- | :--- | :--- | | **DC Resistance (DCR)** | ~0.80 Ω (Max) | Resistance of the wire at 0Hz. | | **Rated Current** | ~200 mA - 300 mA | Maximum continuous current before overheating. | | **Self-Resonant Frequency** | >500 MHz | The frequency at which the inductor acts as a capacitor. | | **Quality Factor (Q)** | High (>25 at 100MHz) | Indicates low energy loss in the circuit. | --- ### 3. Key Construction Features * **Ceramic Core:** Unlike ferrite cores, ceramic cores do not saturate with current, making them ideal for high-frequency stability. * **Wire-Wound Design:** The copper wire is physically wound around the core. This results in much higher **Q factors** and lower **DCR** compared to multilayer chip inductors. * **Encapsulation:** Often coated with a clear epoxy or resin for mechanical protection and to facilitate "pick and place" assembly. --- ### 4. Common Applications Due to its high frequency and low loss characteristics, the AISC-0603F-R39 is commonly used in: 1. **RF Matching Networks:** Impedance matching for antennas in Bluetooth, Wi-Fi, and IoT devices. 2. **Filter Circuits:** Used in Band-pass, Low-pass, and High-pass filters. 3. **VCOs:** Voltage Controlled Oscillators requiring high stability. 4. **Signal Isolation:** Decoupling high-frequency noise in communication lines. --- ### 5. Part Numbering Breakdown (Example) ```text AISC - 0603 F - R39 - J - T | | | | | | Series Size Type Value Tol Packaging ``` * **R39:** Represents 0.39 microhenries. * **F:** Indicates the specific material/design series (Ferrite vs Ceramic options).
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor in RF circuits?
    • ⤷ How does the 'Q factor' affect the performance of this inductor?
    • ⤷ What are the soldering recommendations for 0603 wire-wound components?