Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-0805-R022

  • AI
    ## Technical Overview: AISC-0805-R022 The **AISC-0805-R022** is a specific surface-mount (SMD) inductor, typically manufactured by Abracon. It belongs to the **AISC-0805 series**, which features a ceramic core and a wire-wound construction designed for high-frequency applications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Value for this Part | |:---|:---|:---| | **AISC** | Series Name | Ceramic Wire-Wound Inductor | | **0805** | Case Size (EIA) | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **R** | Decimal Point | Used for Inductance values | | **022** | Inductance Value | 0.022 µH (or 22 nH) | --- ### 2. Key Electrical Specifications Based on the standard datasheet for this series, here are the primary electrical parameters: | Parameter | Value | Notes | |:---|:---|:---| | **Inductance** | 22 nH | Measured at 250 MHz | | **Tolerance** | ±5% (J) / ±10% (K) | Depending on the specific suffix | | **Q Factor (Min)** | 55 | Measured at 500 MHz | | **SRF (Min)** | 3000 MHz | Self-Resonant Frequency | | **DCR (Max)** | 0.120 $\Omega$ | DC Resistance | | **Isat (Max)** | 600 mA | Rated current | --- ### 3. Physical & Material Features * **Construction:** Wire-wound on a ceramic core. The wire-wound structure provides significantly higher Q-factors and current handling compared to multilayer chips. * **Core Material:** Ceramic (Non-magnetic). This ensures high stability across a wide temperature range and excellent performance at high frequencies. * **Termination:** Gold (Au) or Tin (Sn) plated over Nickel, ensuring high solderability. --- ### 4. Common Applications Due to its high Self-Resonant Frequency (SRF) and high Q factor, this part is ideal for: 1. **RF Circuits:** Matching networks in wireless transceivers. 2. **Filter Networks:** Low-pass, high-pass, and band-pass filters for telecommunications. 3. **High-Speed Data Lines:** Noise suppression in high-frequency signal paths. 4. **Mobile Devices:** Used in Bluetooth, Wi-Fi, and cellular modules.
    ✨ Follow-up Questions
    • ⤷ What is the difference between ceramic core and ferrite core inductors in the 0805 size?
    • ⤷ How does the Q factor impact the performance of this inductor in an RF circuit?
    • ⤷ Are there recommended soldering profiles for wire-wound SMD inductors like the AISC-0805?