Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-0805-R027

  • AI
    The **AISC-0805-R027** is a specific surface-mount electronic component, primarily identified as a **Wire-Wound Ceramic Chip Inductor**. It is part of the AISC series, commonly manufactured by Abracon. --- ### 1. Key Technical Specifications The part number itself follows a standardized naming convention that reveals its core characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 27 nH | Represented by "R027" | | **Package Size** | 0805 | 2.0 x 1.25 mm (Metric 2012) | | **Core Material** | Ceramic | High-frequency stability | | **Tolerance** | Usually ±5% or ±10% | (Check suffix for specific J/K rating) | | **DC Resistance (DCR)** | ~0.13 Ω (Max) | Affects power efficiency | | **Rated Current** | ~600 mA | Maximum continuous current | | **Self-Resonant Freq** | >2500 MHz | Maximum functional frequency | --- ### 2. Physical Construction * **Wire-Wound Design:** Unlike multilayer inductors, this part uses a wire wound around a ceramic core. This results in a much higher **Q (Quality Factor)** and better current-handling capabilities. * **0805 Footprint:** This is a standard surface-mount device (SMD) size, making it compatible with high-speed automated pick-and-place assembly. * **Encapsulation:** Often coated with epoxy or a clear resin to protect the delicate copper windings from environmental damage. --- ### 3. Common Applications Due to its ceramic core and wire-wound nature, this component is optimized for **High-Frequency (RF)** applications: 1. **RF Matching Networks:** Tuning antennas in cellular, Wi-Fi, or Bluetooth modules. 2. **Signal Filtering:** Used in band-pass or low-pass filters to remove noise from high-frequency lines. 3. **VCO Circuits:** Used in Voltage Controlled Oscillators for frequency stability. 4. **Impedance Matching:** Ensuring maximum power transfer between different stages of an RF circuit. --- ### 4. Advantages vs. Disadvantages * **Pros:** * Higher Q-factor compared to multilayer inductors. * Excellent thermal stability. * High resonance frequency (SRF). * **Cons:** * Generally more expensive than multilayer chips. * Slightly more fragile due to the external wire windings.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How do I interpret the tolerance letter code at the end of this part number?
    • ⤷ Can this inductor be used in high-power switching power supplies?