Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-0805-R12

  • AI
    ### Overview: AISC-0805-R12 The **AISC-0805-R12** is a specific electronic component belonging to the category of **Surface Mount (SMD) Wire-Wound Inductors**. It is widely used in high-frequency applications due to its construction and material properties. --- ### Technical Specifications The alphanumeric code provides details about its physical and electrical characteristics. Below is a breakdown of its core specifications: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Wire-Wound Ceramic Chip Inductor | | **Case Size** | 0805 (Metric 2012) | | **Inductance** | 120 nH (0.12 µH) | | **Tolerance** | Usually ±5% (J) or ±10% (K) | | **Core Material** | Ceramic | | **Quality Factor (Q)** | High (typically >50 at 300MHz) | | **Self-Resonant Frequency (SRF)** | ~1100 MHz to 1300 MHz | | **DC Resistance (DCR)** | ~0.50 Ω (Max) | | **Rated Current** | ~400 mA to 600 mA | --- ### Part Number Breakdown Understanding the nomenclature helps in identifying variants: 1. **AISC**: Abracon Inductor Series (Wire-Wound). 2. **0805**: Physical dimensions (0.08 x 0.05 inches / 2.0 x 1.25 mm). 3. **R12**: The inductance value. "R" acts as a decimal point in microhenries ($\mu H$). * $R12 = 0.12 \mu H = 120 nH$. --- ### Key Features and Construction * **Wire-Wound Technology:** Unlike multilayer inductors, these are made by winding a wire around a ceramic core. This results in much higher **Q-factors** and lower DC resistance. * **Ceramic Core:** The non-magnetic core provides excellent thermal stability and high self-resonant frequencies, making it ideal for RF (Radio Frequency) applications. * **Small Footprint:** The 0805 size is small enough for modern compact PCBs while remaining relatively easy to handle during assembly. --- ### Common Applications The AISC-0805-R12 is typically found in circuits requiring precision and stability at high frequencies: * **RF Transceivers:** Used in matching networks for antennas. * **Filters:** High-pass, low-pass, and band-pass filters for signal processing. * **Wireless Communication:** Bluetooth, Wi-Fi, and cellular modules. * **Oscillators:** Providing stable inductance for LC tank circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor impact the performance of this inductor in RF circuits?
    • ⤷ What are the recommended soldering profiles for 0805 wire-wound components?