Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-0805LP-R12

  • AI
    The **AISC-0805LP-R12** is a surface-mount (SMD) wire-wound ceramic chip inductor. This component is part of Abracon's AISC-0805LP series, which is designed for high-frequency applications where a low profile (LP) is required. --- ### ## Component Technical Specifications The part number can be decoded to understand its specific electrical and physical properties: | Parameter | Specification | | :--- | :--- | | **Inductance** | 120 nH (indicated by "R12") | | **Tolerance** | Usually ±5% (J) or ±10% (K) | | **Case Size** | 0805 (Imperial) / 2012 (Metric) | | **Core Material** | Ceramic | | **DC Resistance (DCR)** | Max 0.65 Ω (Typical for this value) | | **Rated Current** | ~300 mA | | **Self-Resonant Frequency (SRF)** | Min 1100 MHz | | **Operating Temperature** | -40°C to +125°C | --- ### ## Key Features 1. **Wire-Wound Construction:** Unlike multilayer inductors, wire-wound inductors offer much higher **Q-factors** (Quality factor) and lower DC resistance, making them ideal for signal integrity in RF circuits. 2. **Low Profile (LP):** The "LP" designation indicates a reduced height compared to standard 0805 inductors, making it suitable for thin consumer electronics like smartphones and wearables. 3. **High SRF:** Due to the ceramic core and precision winding, the inductor maintains its inductive properties into the Gigahertz range before becoming capacitive. --- ### ## Common Applications * **RF Matching Networks:** Used to match impedance between antennas and transceivers (Bluetooth, Wi-Fi, ZigBee). * **Filters:** Used in high-pass, low-pass, and band-pass filter circuits. * **Oscillators:** Provides stable inductance for VCO (Voltage Controlled Oscillator) circuits. * **Decoupling:** Filtering high-frequency noise in power supply lines for sensitive RF ICs. --- ### ## PCB Footprint Data (0805) For PCB design, use the standard 0805 landing pattern: ```markdown Dimensions (Approximate): - Length (L): 2.00 mm - Width (W): 1.25 mm - Height (H): 0.90 mm (Low Profile version) ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R12' suffix in the part number?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ What are the recommended soldering profiles for the AISC-0805LP series?