Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-1206-R15

  • AI
    The **AISC-1206-R15** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters, power supplies, and EMI filtering applications. It belongs to a class of wire-wound chip inductors designed for high current handling in a compact 1206 package size. --- ### 1. Technical Specifications The "1206" refers to the physical dimensions (3.2mm x 1.6mm), while the "R15" typically denotes the inductance value. | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.15 µH (R15) | | **Package Size** | 1206 (3216 Metric) | | **Tolerance** | Usually ±20% (M) or ±10% (K) | | **Material** | Ferrite Core / Wire-wound | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C (standard) | --- ### 2. Key Features * **High Current Capability:** Due to the wire-wound construction, these parts can handle higher saturation currents compared to multilayer ceramic inductors. * **Low DCR (DC Resistance):** Minimized power loss and heat generation during operation. * **Magnetic Shielding:** Many variants in this series are shielded to reduce Electromagnetic Interference (EMI) with neighboring components. * **Robust Construction:** Designed to withstand reflow soldering temperatures and mechanical stress. --- ### 3. Common Applications Inductors like the AISC-1206-R15 are foundational in modern electronics: 1. **Voltage Regulation:** Used in Buck or Boost converters to store energy and smooth output current. 2. **RF Circuits:** Acting as a high-frequency choke to block AC noise while allowing DC to pass. 3. **Decoupling:** Filtering high-frequency noise in power lines for microprocessors or sensors. 4. **Mobile Electronics:** Ideal for smartphones and tablets where board space is at a premium but power efficiency is critical. --- ### 4. Identification Code Breakdown Typically, the part number follows this logic: * **AISC:** Series Name (Abracon Inductor Surface Chip). * **1206:** Physical footprint (0.12 x 0.06 inches). * **R15:** Inductance value ($R$ acts as a decimal point, $0.15$ microhenries).
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the AISC-1206 series?
    • ⤷ How does a ferrite core inductor differ from a ceramic core inductor in performance?
    • ⤷ Are there specific soldering profiles recommended for the 1206 package size?