Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-1206-R27

  • AI
    Based on the nomenclature provided, the **AISC-1206-R27** typically refers to a **Power Inductor**, most commonly an **SMD (Surface Mount Device)** wire-wound shielded inductor. These components are critical in power management circuits for filtering and energy storage. --- ### 1. Technical Specification Breakdown The alphanumeric code describes the physical and electrical characteristics of the component: | Part Segment | Definition | Description | | :--- | :--- | :--- | | **AISC** | Series Prefix | Often indicates an **Automotive Grade** or High-Reliability Shielded Inductor. | | **1206** | Case Size | Refers to the footprint dimensions: **0.12 x 0.06 inches** (approx. 3.2 x 1.6 mm). | | **R27** | Inductance Value | Represents **0.27 µH** (The 'R' acts as a decimal point). | --- ### 2. Key Electronic Features Inductors in the 1206 form factor with low inductance (0.27 µH) usually possess the following electronic properties: * **Magnetic Shielding:** Most AISC series parts are shielded to minimize Electromagnetic Interference (EMI), preventing the inductor's magnetic field from affecting neighboring components. * **High Self-Resonant Frequency (SRF):** Due to the low inductance value (R27), these parts are efficient at high-frequency operations, often reaching into the MHz range. * **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation. * **High Saturation Current:** They are engineered to maintain inductance levels even when high current spikes occur. --- ### 3. Common Applications These parts are typically found in compact electronic assemblies where space is limited but power efficiency is required: 1. **DC-DC Converters:** Used as energy storage elements in buck or boost regulators. 2. **Noise Filtering:** Acting as low-pass filters in power supply lines to remove high-frequency ripples. 3. **Automotive Electronics:** Used in infotainment systems or ECU power filtering (if AEC-Q200 qualified). 4. **Mobile Devices:** Power management for smartphones, tablets, and wearable tech. --- ### 4. Comparison Table: Typical 1206 Inductor Ranges | Feature | Typical Value for R27 | | :--- | :--- | | **Inductance** | 0.27 µH ± 20% | | **Current Rating (Irms)** | 500mA - 1.5A (varies by manufacturer) | | **Operating Temp** | -40°C to +125°C | | **Material** | Ferrite Core |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a shielded and unshielded inductor in this size?
    • ⤷ How does the 'R27' value affect the ripple current in a buck converter?
    • ⤷ Are there specific soldering precautions for the 1206 SMD package?