Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-1206H-R18

  • AI
    The **AISC-1206H-R18** refers to a high-current, surface-mount power inductor, typically manufactured by companies like Abracon. This specific part is designed for high-frequency power applications where space is limited but current requirements are high. --- ## Technical Specifications The part number can be broken down into its physical and electrical characteristics. Below is a summary of the typical parameters for this component: | Feature | Specification | | :--- | :--- | | **Series** | AISC-1206H (High Current Wire-wound) | | **Case Size** | 1206 (3.2mm x 1.6mm) | | **Inductance** | 0.18 µH (indicated by R18) | | **Tolerance** | Usually ±5% or ±10% | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Ceramic or Ferrite (depending on specific sub-series) | --- ## Key Characteristics ### 1. Form Factor (1206) The "1206" designation refers to the Imperial dimensions of the package. It measures approximately **3.2mm in length and 1.6mm in width**. This is a standard size in PCB design, making it compatible with automated pick-and-place machinery. ### 2. Inductance (R18) The "R18" suffix is the code for the inductance value: * The 'R' acts as a decimal point. * **Value:** 0.18 microhenries (µH). * Low inductance values like this are typically used in high-frequency switching circuits. ### 3. Wire-wound Construction Unlike multilayer chip inductors, the AISC series uses a wire-wound construction. This provides: * **Higher Q-factors:** Better efficiency in RF and power applications. * **Higher Current Handling:** Lower DC Resistance (DCR) compared to multilayer equivalents. --- ## Common Applications Because of its small size and high current capability, the AISC-1206H-R18 is commonly found in: 1. **DC-DC Converters:** Used for energy storage and filtering in power supplies. 2. **Mobile Devices:** Power management in smartphones and tablets. 3. **EMI Suppression:** Filtering high-frequency noise in sensitive communication lines. 4. **RF Circuits:** Matching networks and high-frequency decoupling. --- ## Typical Performance Table | Parameter | Value (Approximate) | | :--- | :--- | | **DC Resistance (Max)** | ~0.05 - 0.10 Ω | | **Rated Current (Idc)** | ~1.5A to 3.0A (depending on temp rise) | | **Self-Resonant Frequency** | > 500 MHz |
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor in the 1206 size?
    • ⤷ How does the 'H' in the part number affect the saturation current?
    • ⤷ Are there alternative components with a lower DCR for this inductance value?