Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-1210-R10

  • AI
    The **AISC-1210-R10** is an **SMD (Surface Mount Device) Shielded Power Inductor**. These components are critical in power management circuits for filtering, energy storage, and noise reduction. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Technical Specifications The part number "R10" typically denotes the inductance value in Microhenries ($\mu H$). | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.10 $\mu H$ (R10) | | **Tolerance** | Usually $\pm 20\%$ (M) or $\pm 30\%$ (N) | | **Case Size** | 1210 Imperial (approx. 3.2mm x 2.5mm) | | **DCR (DC Resistance)** | Very Low (typically < 10 mΩ) | | **Saturation Current ($I_{sat}$)** | High (designed for high-current paths) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Construction The "AISC" series belongs to the wire-wound or molded category, depending on the manufacturer (most commonly **Abracon** or generic equivalents). * **Shielding:** The "Shielded" nature means the magnetic flux is contained within the component. This reduces **Electromagnetic Interference (EMI)** with neighboring components on the PCB. * **Core Material:** Usually a Ferrite or Metal Alloy powder core, providing high efficiency and stable performance at high frequencies. * **Terminations:** Matte Tin over Nickel plating, suitable for reflow soldering. --- ### 3. Key Electronic Functions The AISC-1210-R10 serves three primary roles in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through. 3. **Current Ripple Reduction:** It smooths out the fluctuations in current to provide a stable output to sensitive ICs. --- ### 4. Common Applications Due to its small 1210 footprint and low inductance (0.10 $\mu H$), it is ideal for high-speed switching environments: * **Voltage Regulator Modules (VRMs):** Found in laptops and GPUs. * **Smartphones & Tablets:** For battery management systems. * **High-speed Networking:** In routers and switches for local power rails. * **LED Drivers:** Providing stable current to high-brightness LEDs. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the AISC-1210-R10 compared to larger sizes?
    • ⤷ How does the 'shielded' design affect EMI performance in compact PCB layouts?
    • ⤷ Can this inductor be used in automotive-grade applications?