Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-1210-R22

  • AI
    The **AISC-1210-R22** is an electronic component primarily identified as a **Surface Mount (SMD) Power Inductor**. It is widely used in power management circuits for filtering, decoupling, and energy storage. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Key Technical Specifications Based on standard industry naming conventions for this series (typically manufactured by Abracon or similar vendors), the specifications are as follows: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.22 µH (R22) | | **Case Size** | 1210 (Metric: 3225) | | **Dimensions** | 3.2mm x 2.5mm x 2.2mm | | **Tolerance** | ±20% (Standard M) | | **DC Resistance (DCR)** | Very Low (Approx. 0.05Ω - 0.09Ω) | | **Rated Current** | High (Typically 1.0A to 2.5A depending on temp rise) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Part Number Deciphering To understand the electronic properties, we can break down the part number: * **AISC**: Series prefix (Wire-wound Inductor, Ceramic or Ferrite core). * **1210**: The physical footprint (1.2 inches by 0.10 inches / 3.2mm x 2.5mm). * **R22**: The inductance value. The "R" acts as a decimal point. $0.22 \text{ Microhenries}$. --- ### 3. Electronic Functions and Applications These parts are designed for high-frequency performance and durability. Their primary roles in a circuit include: #### A. Power Conversion Used in DC-DC converters (Buck, Boost, or Buck-Boost) to store energy in the magnetic field during the switching cycle. #### B. Noise Suppression (Filtering) Acts as a Low Pass Filter when paired with capacitors. It allows DC to pass while blocking high-frequency electromagnetic interference (EMI). #### C. Decoupling Prevents voltage spikes from affecting sensitive components by providing a "buffer" of energy. --- ### 4. Comparison of Materials Depending on the specific sub-variant, the core material influences its behavior: | Core Type | Benefit | Trade-off | | :--- | :--- | :--- | | **Ceramic Core** | High SRF (Self Resonant Frequency), great for RF. | Lower inductance values. | | **Ferrite Core** | High Inductance, high current handling. | Lower SRF, saturation risk at high currents. | --- ### 5. Footprint (Land Pattern) When designing a PCB (Printed Circuit Board), the 1210 footprint requires specific pad dimensions: ```text <--- 3.2mm ---> _________________ | [Pad] [Pad] | | 1.0mm 1.0mm | ^ 2.5mm |_________________| v ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the R22 variant?
    • ⤷ Can this inductor be used in high-frequency RF applications?
    • ⤷ What are the recommended soldering profiles for 1210 SMD components?