Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-Q0603HQ-R10

  • AI
    ## Electronic Specifications: AISC-Q0603HQ-R10 The **AISC-Q0603HQ-R10** is a high-frequency, wire-wound surface mount (SMD) inductor manufactured by Abracon. It is specifically designed for high-reliability applications, meeting the **AEC-Q200** automotive quality standard. --- ### 1. Key Technical Specifications The part number "R10" indicates the nominal inductance value. Below are the primary electrical characteristics: | Parameter | Value | | :--- | :--- | | **Inductance** | 100 nH | | **Tolerance** | ±5% (J) | | **Case Size (EIA/Metric)** | 0603 / 1608 | | **DC Resistance (DCR) Max** | 0.46 Ω | | **Rated Current (Max)** | 400 mA | | **Self-Resonant Frequency (SRF) Min** | 1200 MHz | | **Quality Factor (Q) Min** | 50 (at 150 MHz) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical properties: * **AISC**: Abracon Inductor Series (Wire-wound). * **Q**: Automotive Grade (AEC-Q200 Qualified). * **0603**: Physical footprint (0.06 x 0.03 inches). * **HQ**: High Q (High-quality factor, meaning low energy loss at high frequencies). * **R10**: Inductance value (R = decimal point; 0.10 $\mu$H or 100 nH). --- ### 3. Application Areas Due to its high Q-factor and automotive rating, this part is typically used in circuits where signal integrity and reliability are critical: * **RF Tuning & Matching:** Used in wireless communication modules (Bluetooth, Wi-Fi, GPS). * **Automotive Systems:** TPMS (Tire Pressure Monitoring), Infotainment, and ADAS sensors. * **High-Frequency Filtering:** Eliminating noise in high-speed data lines. * **Mobile Communication:** Base stations and handheld devices. --- ### 4. Physical Dimensions The **0603** package is a standard industry size, making it compatible with high-speed automated pick-and-place machinery. | Dimension | Millimeters (mm) | | :--- | :--- | | Length (L) | 1.60 ± 0.20 | | Width (W) | 1.00 ± 0.20 | | Thickness (T) | 1.00 ± 0.20 | ---
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to the AISC-Q0603HQ if I need a higher current rating?
    • ⤷ How does the 'High Q' factor impact the performance of this inductor in RF circuits?
    • ⤷ What are the soldering profile requirements for AEC-Q200 qualified inductors?