Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-Q0603HQ-R22

  • AI
    The **AISC-Q0603HQ-R22** is a high-frequency, surface-mount (SMD) wire-wound ceramic chip inductor. It is part of the AISC-Q series manufactured by Abracon, specifically designed for automotive and high-reliability RF applications. ### 1. Key Technical Specifications Below are the primary electrical characteristics for this specific part number: | Parameter | Specification | | :--- | :--- | | **Inductance** | 220 nH (indicated by "R22") | | **Tolerance** | ±5% (standard for "J" or "G" grade) | | **Case Size** | 0603 (1.6 x 0.8 mm) | | **Quality Factor (Q)** | Min. 25 at 100 MHz | | **Self-Resonant Frequency (SRF)** | ~850 MHz (Minimum) | | **DC Resistance (DCR)** | ~1.30 Ω (Maximum) | | **Rated Current (I_dc)** | ~250 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Breakdown of the Part Number Understanding the nomenclature helps in identifying the component's capabilities: * **AISC**: Abracon Inductor Surface Ceramic. * **Q**: Automotive Grade (AEC-Q200 Qualified). * **0603**: Physical dimensions in inches (1.6mm x 0.8mm). * **HQ**: High Quality / High-Q Factor (optimized for low signal loss at high frequencies). * **R22**: Inductance value. "R" acts as a decimal point ($0.22 \mu H = 220 nH$). --- ### 3. Construction and Features * **Wire-wound Ceramic Core:** Unlike multilayer inductors, the wire-wound construction allows for significantly higher Q-factors and lower DCR, making it more efficient for RF signals. * **AEC-Q200 Compliance:** This ensures the part has passed rigorous stress tests (vibration, thermal shock, moisture resistance) required for automotive environments. * **High Resonance:** The high SRF ensures the component behaves as an inductor deep into the GHz range before becoming capacitive. --- ### 4. Common Applications This component is typically found in circuits where signal integrity and reliability are critical: 1. **Automotive Electronics:** Infotainment systems, TPMS, and ADAS sensors. 2. **RF Matching Networks:** Impedance matching for antennas in WiFi, Bluetooth, or cellular modules. 3. **Filter Circuits:** Low-pass or high-pass filters where sharp roll-off and low insertion loss are required. 4. **VCOs:** Voltage Controlled Oscillators requiring stable inductance. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between wire-wound and multilayer ceramic inductors?
    • ⤷ How does the Q-factor affect the performance of an RF circuit?
    • ⤷ What are the soldering recommendations for 0603 automotive-grade components?