Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-Q0603HQ-R33

  • AI
    The **AISC-Q0603HQ-R33** is a high-performance surface-mount (SMD) wire-wound chip inductor designed specifically for high-frequency applications. It is part of the AISC-Q series by Abracon, which is AEC-Q200 qualified, making it suitable for automotive and rigorous industrial environments. --- ### 1. Technical Specifications The part number "R33" indicates its inductance value, while "0603" refers to its physical size. | Parameter | Specification | | :--- | :--- | | **Inductance** | 330 nH (0.33 µH) | | **Case Size (EIA)** | 0603 (1.6 x 1.0 x 1.0 mm) | | **Tolerance** | Typically ±5% (J) or ±2% (G) | | **Quality Factor (Q)** | High Q (Typ. 30 at 100MHz) | | **Self-Resonant Frequency (SRF)** | ~550 MHz | | **DC Resistance (DCR)** | Max 1.05 Ω | | **Rated Current** | ~230 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Key Features * **AEC-Q200 Qualified:** This component has passed the Stress Test Qualification for Passive Components, ensuring reliability in automotive infotainment, powertrain, and safety systems. * **Ceramic Core Construction:** The wire-wound ceramic body provides excellent electrical performance, high SRF, and exceptional thermal stability. * **High Q Factor:** High "Quality Factor" means lower energy loss, which is critical for RF (Radio Frequency) circuits. * **Tight Tolerances:** Often used in precision matching circuits where consistency is vital. --- ### 3. Application Use Cases The AISC-Q0603HQ series is typically found in: 1. **RF Matching Networks:** Impedance matching for antennas in Bluetooth, Wi-Fi, and LTE modules. 2. **Filter Circuits:** Used in high-frequency band-pass or low-pass filters. 3. **Automotive Systems:** TPMS (Tire Pressure Monitoring), Keyless Entry, and Infotainment. 4. **Signal Conditioning:** Decoupling and EMI suppression in high-speed data lines. --- ### 4. Part Number Breakdown ```text AISC-Q 0603 HQ - R33 - [T/J/G] | | | | | Series Size High Induc- Tolerance/ (Auto) Q tance Packaging ``` * **R33** represents $0.33 \mu H$. The "R" acts as a decimal point for values under $1 \mu H$.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q factor affect signal performance in RF circuits?
    • ⤷ Can this inductor be used in high-power DC-DC converters?