Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-Q0603HQ-R36

  • AI
    The **AISC-Q0603HQ-R36** is a high-performance, high-Q surface mount (SMD) inductor. It belongs to the **AISC-Q0603HQ** series manufactured by Abracon. These components are specifically engineered for high-frequency RF applications where low loss and high stability are required. --- ## 1. Technical Specifications The part number can be decoded to understand its fundamental properties: * **0603**: Represents the physical package size (0.06 x 0.03 inches). * **HQ**: High Quality/High-Q factor. * **R36**: Indicates the inductance value (0.36 µH or 360 nH). | Parameter | Specification | | :--- | :--- | | **Inductance** | 360 nH | | **Tolerance** | Usually ±5% (J) or ±2% (G) | | **Q Factor (Min)** | High (typically 20-40 at specific frequencies) | | **Self-Resonant Frequency (SRF)** | > 500 MHz (Approximate) | | **DC Resistance (DCR)** | Low (to minimize power loss) | | **Rated Current** | Typically between 100mA to 400mA | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Internal Characteristics ### A. Ceramic Core Construction Unlike standard power inductors that use ferrite cores, the AISC-Q series typically utilizes a **ceramic core**. This provides: * **Excellent Thermal Stability:** The inductance remains constant over a wide temperature range. * **High SRF:** Minimal parasitic capacitance, allowing the inductor to function at very high frequencies before behaving like a capacitor. ### B. High-Q Factor The "HQ" designation stands for High-Q. In electronics, the Q factor represents the efficiency of the inductor (Ratio of Inductive Reactance to Resistance). A high Q means: * Lower energy loss. * Sharper resonance in filter circuits. --- ## 3. Typical Applications Due to its high-frequency stability and 360nH inductance value, this part is commonly found in: * **RF Matching Networks:** Impedance matching for antennas in WiFi or Bluetooth modules. * **Filter Circuits:** Low-pass, high-pass, and band-pass filters for signal processing. * **VCOs:** Voltage Controlled Oscillators requiring stable inductive components. * **Automotive Electronics:** The "Q" in the series often implies AEC-Q200 qualification, making it suitable for harsh automotive environments. --- ## 4. Footprint and Mounting The **0603 (1608 Metric)** footprint is a standard size that allows for high-density PCB layouts while still being manageable for automated pick-and-place machines. ```text [ Top View ] _______ | | | 0603 | <-- 1.6mm x 0.8mm |_______| ```
    ✨ Follow-up Questions
    • ⤷What is the significance of AEC-Q200 qualification for this inductor?
    • ⤷ How does a ceramic core compare to a ferrite core in RF applications?
    • ⤷ What is the maximum frequency this inductor can handle before reaching self-resonance?