Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AISC-Q0650-R12

  • AI
    Based on your inquiry, it appears you are referring to the **AISC-Q0650-R12**, which is a high-performance **Molded Power Inductor**. These components are critical in modern power management circuits. Below is a detailed breakdown of its specifications, construction, and applications. --- ## 1. Technical Specifications The part number follows a standard naming convention where "0650" refers to the physical size and "R12" refers to the inductance value. | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.12 µH (Microhenries) | | **Case Size** | 0650 (Approx. 6.6 x 7.3 x 5.0 mm) | | **Material** | Metal Alloy / Carbonyl Powder | | **Shielding** | Magnetically Shielded (Molded) | | **Operating Temperature** | -55°C to +125°C (typically) | | **Tolerance** | Usually ±20% (M) | --- ## 2. Key Features The **AISC** series (Automotive/Industrial Standard Inductors) is designed for environments requiring high reliability. ### A. Molded Construction Unlike traditional wire-wound inductors with a visible drum core, this part is "molded." The coil is placed inside a mold and pressed with metallic magnetic powder. This results in: * **Low Acoustic Noise:** Reduced "coil whine." * **High Shielding:** Low EMI (Electromagnetic Interference) leakage. * **Robustness:** Excellent resistance to mechanical shock and vibration. ### B. High Current Handling Because it uses a metal alloy powder rather than ferrite, it features **Soft Saturation**. This means that as current increases, the inductance drops gradually rather than crashing abruptly, preventing circuit failure during current spikes. ### C. Low DCR (DC Resistance) The internal flat-wire or thick copper construction ensures very low resistance, which minimizes power loss and heat generation. --- ## 3. Typical Applications This specific inductor (0.12µH) is a low-inductance, high-frequency component typically used in: 1. **DC-DC Converters:** Voltage regulator modules (VRM) for CPUs and GPUs. 2. **Automotive Electronics:** Infotainment systems and ADAS sensors. 3. **High-Speed Computing:** Servers and networking hardware. 4. **Battery Powered Devices:** Where high efficiency and small footprint are required. --- ## 4. Part Number Breakdown * **AISC:** Series Name (Standard Molded Inductor). * **Q:** Often denotes Qualification (e.g., AEC-Q200 for automotive). * **0650:** Dimensions (6.6mm x 7.3mm base, 5.0mm height). * **R12:** Inductance value (R denotes decimal point; 0.12 µH).
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the 0.12µH 0650 inductor?
    • ⤷ How does the 'Soft Saturation' of this metal alloy compare to traditional ferrite cores?
    • ⤷ What are the recommended soldering profiles for molded power inductors?