Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AK375-R

  • AI
    The **AK375-R** is a specific variant of a professional-grade UHF Wireless Microphone Receiver, commonly part of systems used for live performance, broadcasting, and public speaking. Below is a breakdown of its electronic components, architecture, and technical specifications. --- ## 1. Core Technical Specifications The electronics of the AK375-R are designed for high-fidelity audio transmission over radio frequencies (RF). | Feature | Specification Details | | :--- | :--- | | **Frequency Range** | UHF 600MHz - 900MHz (Region dependent) | | **Modulation Mode** | Wideband FM / Digital Pi/4 DQPSK (Advanced versions) | | **Oscillation Mode** | PLL Phase-Locked Loop Frequency Synthesis | | **Sensitivity** | -105dBm for 12dB S/N | | **THD (Total Harmonic Distortion)** | < 0.5% @ 1kHz | | **Signal-to-Noise Ratio** | > 105dB | --- ## 2. Key Electronic Components & Modules ### A. The RF Front-End (Antenna Section) The AK375-R typically employs a **True Diversity** architecture. * **Dual Tuners:** It contains two independent receiver circuits. The electronics constantly compare the signal strength between Antenna A and B, switching instantly to the stronger signal to prevent "dropouts." * **BNC Connectors:** Standard 50-ohm interfaces for attaching whip antennas or remote paddles. ### B. The Processing Unit (Microcontroller) * **PLL Synthesizer:** This is the heart of the frequency management. It ensures the receiver stays locked onto the exact frequency of the transmitter without drifting. * **Digital Companding:** Many modern R-series units use a digital compander to compress the audio at the transmitter and expand it at the receiver, which minimizes line hiss and noise. ### C. Interface & Display Electronics * **LCD/LED Module:** Displays the group/channel number, RF signal strength (RF meter), and AF (Audio Frequency) levels. * **IR Sync Port:** An Infrared diode used to wirelessly "pair" the receiver's frequency settings to the handheld or bodypack transmitter. --- ## 3. Connectivity & Output Circuitry The back panel electronics manage how the signal is sent to the mixer or amplifier: 1. **Balanced Output (XLR):** A professional-grade low-impedance output that uses a transformer or op-amp circuit to prevent noise over long cable runs. 2. **Unbalanced Output (1/4" Jack):** A standard line-level output for shorter distances. 3. **Squelch Control:** A potentiometer or digital setting that adjusts the "gate" to mute the audio if the RF interference becomes too high. --- ## 4. Power Management * **DC Input:** Typically operates on **12V-18V DC**. * **Internal Regulation:** The internal board contains voltage regulators (often 7805 or similar SMD equivalents) to provide stable 5V or 3.3V power to the sensitive RF chips and microprocessors. ---
    ✨ Follow-up Questions
    • ⤷ Does the AK375-R support frequency scanning to find open channels?
    • ⤷ What is the difference between the AK375-R and the AK375-T transmitter?
    • ⤷ How do I troubleshoot interference issues with this specific receiver?