Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • AL05-R10-MAW

  • AI
    The **AL05-R10-MAW** is a specific model of an axial leaded inductor. These components are primarily used in electronic circuits for power management, signal filtering, and energy storage. --- ### 1. Technical Specifications Below are the primary technical parameters for the AL05-R10-MAW: | Parameter | Value / Description | |:---|:---| | **Part Number** | AL05-R10-MAW | | **Component Type** | Fixed Inductor (Leaded) | | **Inductance** | 0.10 µH (Microhenries) | | **Tolerance** | ±20% (indicated by 'M') | | **Body Size** | 05 Series (approx. 4.0mm diameter x 9.0mm length) | | **Core Material** | Phenolic or Ferrite (depending on specific frequency needs) | | **Termination** | Axial Leaded (MAW refers to specific lead plating/packaging) | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps identify its characteristics: * **AL**: Denotes "Axial Leaded" inductor style. * **05**: Refers to the physical size of the inductor body. * **R10**: The inductance value. "R" acts as a decimal point, meaning **0.10 µH**. * **M**: The tolerance rating. "M" typically stands for **±20%**. * **AW**: Often refers to the taping/packaging style (e.g., Ammo Pack or Axial Wire specification). --- ### 3. Key Electronic Functions The AL05-R10-MAW performs several critical roles in a circuit: 1. **EMI Filtering**: It blocks high-frequency noise while allowing DC or low-frequency signals to pass through. 2. **Decoupling**: Used in power supply lines to prevent fluctuations from affecting sensitive components. 3. **Energy Storage**: In switching regulators, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 4. **Impedance Matching**: Used in RF (Radio Frequency) circuits to match the impedance between different stages of an amplifier or antenna. --- ### 4. Typical Applications * **Consumer Electronics**: Televisions, monitors, and gaming consoles. * **Communication Equipment**: Modems and routers. * **Power Supplies**: DC-DC converters and AC adapters. * **Automotive**: Basic filtering for dashboard electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Imax) for the AL05 series?
    • ⤷ How does a 0.10 µH inductance compare to a 100 µH inductor in terms of frequency response?
    • ⤷ What are the common alternatives to axial leaded inductors for surface-mount (SMT) designs?